Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3HB-R Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
K3HB-R
16
Outputs
Standard, zone, and level comparative output patterns can be
selected for comparative outputs.
Prevents comparative outputs from chattering when the
measurement value fluctuates slightly near the set value.
Holds the output status when a comparative result output other than
PASS turns ON.
Comparative results other than PASS can be output from the PASS
output terminal.
Delays turning OFF comparatives for a set period. This can be used
to provide sufficient time to read the comparative output ON status
when the comparative result changes at short intervals.
Turns ON the comparative output for a specific time.
Reverses the output logic of comparative results.
Measurements can be stopped for a set time using an external input.
Output operation can be checked without using actual input signals
by using the keys to set a test measurement value.
A current or voltage proportional to the change in the measurement
value can be output.
The comparison outputs can be kept OFF until the measurement
value enters the PASS range.
Display
The display value can be set to the present value, the maximum
value, or the minimum value.
The present value display color can be set to green or red. The color
of the present value can also be switched according to the
comparative output.
When the input changes rapidly, the display refresh period can be
lengthened to control flickering and make the display easier to read.
The present measurement value can be displayed as a position in
relation to the scaling width on a 20-gradation position meter.
The input signal can be converted and displayed as any value.
Select whether or not to display the comparative value during
operation.
Automatically returns the display to RUN level when there are no key
operations (e.g., max./min. switching, bank settings using keys).
Other
Holds the maximum and minimum measurement values.
Switch between 8 comparative value banks using the keys on the
front panel or external inputs. A set of set comparative values can be
selected as a group.
Any bank settings can be copied to all banks.
Comparative Output Pattern
out-p
Hysteresis
hys
Output Refresh Stop
o-stp
PASS Output Change
pass
Output OFF Delay
off-d
Shot Output
shot
Output Logic
out-n
Startup Compensation Timer
s-tmr
Output Test
test
Linear Outputs
lset.c, lset.v, lset.h, lset.l
Standby Sequence
stdby
Display Value Selection
disp
Display Color Selection
color
Display Refresh Period
d.ref
Position Meter
pos-t, pos-h, pos-l
Prescale
ps.ax, ps.ay, ps.bx, ps.by
Comparative Set Value Display
sv.dsp
Display auto-return
ret
Max./Min. Hold
Bank Selection
bnk-c
Bank Copy
copy
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com