Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3HB-R Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
K3HB-R
■ Component Names and Functions
UP
MODE
LEVEL
CMW
Max
L
Min
Hold
MAX/MIN
HH
H
TLL
L
HH
H
P
L
LL
SHIFT
B
MAX/MIN Key
LEVEL Key
MODE Key
SHIFT Key
UP Key
When changing a set
value, this key is used
to change the actual
value.
When a measurement
value is displayed, this
key is used to execute
or clear the forced-zero
function or to execute
teaching.
Used to change
parameter settings.
When changing a set
value, this key is used
to move along the
digits.
Used to switch the
parameters displayed.
Used to switch level.
Used to switch the
display between the PV,
maximum value, and
minimum value and to
reset the maximum and
minimum values.
PV display
SV display
Position meter
SV display status indicators
Displays PVs, maximum values,
minimum values, parameter
names, and error names.
Displays SV and monitor values.
Displays the position of the PV
with respect to a desired scale.
Indicator
Function
HH, H,
L, LL
Comparative output
status indicators
Level/bank display
Status indicators
Display
Display the status of comparative
outputs.
Turns ON when the maximum value or minimum
value is displayed in the RUN level.
In RUN level, displays the bank if the bank function is
ON. (Turns OFF if the bank function is OFF.)
In other levels, displays the current level.
Hold
CMW
Function
T
In RUN level, turn ON when the
comparative set value HH, H, L, or LL
is displayed.
Lit when communications writing is ON
(enabled) and not lit when OFF (prohibited).
Turns ON when parameters for which
teaching can be performed are
displayed.
Turns ON/OFF when HOLD input turns
ON/OFF.
Max./Min. status indicator
HH
H
TLL
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com