Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE102HTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 25Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 26Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 27Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 28Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 29Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 30Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 31Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 32Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Figure 20. VDS monitoring basic diagram
HS
VCC
V
BOOT
GHSx
LS
OUTx
GLSx
SLSx
VM
+
+
VDS,th
VDS,th
VDSTH
VDS,th
VM
VDS,HS
VDS,LS
The VDS monitoring protection can detect different failures related to the power stage:
•
Gate open. The gate connection is missing, or the gate is damaged.
•
Gate short. The gate is damaged and there is a short between the gate and source.
•
OUT short. The OUT pin can be shorted to another motor phase, to GND or to VM.
In all these cases, the MOSFET does not turn on and its VDS does not fall below the expected threshold (set on
the VDSTH pin).
In other cases, the MOSFETs turn on and work correctly, but unexpected behavior can be detected as well by the
VDS monitoring.
•
Overload. In the case of current overload on the motor, the VDS on the MOSFET can increase and become
higher than the threshold. Moreover, the temperature increase due to higher current can also lead to an
increase of the RDS,on of the MOSFET and thus a further increase of the VDS measured.
•
TCC/IGATE configuration: if the driver current IGATE,on or the time tcc,on are too small, the external
MOSFET turns on too slowly or with higher RDS,on and its VDS could not fall below the expected VDS,th
threshold within the tdg(VDS) time.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 29/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com