Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE102HTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STDRIVE102HTR
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102HTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STDRIVE102HTR Datasheet HTML 16Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 17Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 18Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 19Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 20Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 21Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 22Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 23Page - STMicroelectronics STDRIVE102HTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
The STDRIVE102BH/H implements two control modes: the enable/input mode (EN/IN) or the direct mode (INH/
INL), respectively explained in Section 5.2.1.1 and Section 5.2.1.2. The digital inputs assume a different function
according to the input mode selected:
•
In case the device is configured in Enable/Input mode:
–
INHx/INx → INx
–
INLx/ENx → ENx
•
In case the device is configured in Direct mode:
–
INHx/INx → INHx
–
INLx/ENx → INLx
In addition to the six digital inputs mentioned above, another digital input named EN (pin 47 for the
STDRIVE102BH and pin 1 for the STDRIVE102H) is used as general enable: in case it is forced to 0, all the six
gate drivers are set LOW, turning off all the external power MOSFETs. Setting EN to 1 activates the gate drivers,
which behave according to their related digital inputs. The EN pin also integrates an analog threshold Vrelease, to
release the latched condition after a FAULT event (refer to Section 5.6.1).
Figure 11. High-side driver simplified block diagram
VBOOT
GHSx
OUTx
Isource
Isink
Figure 12. Low-side driver simplified block diagram
VCC
GLSx
SLSx
Isource
Isink
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 20/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com