| Electronic Components Datasheet Search |
|
STDRIVE102HTR Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE102HTR Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 56 page ![]() Pin N. Name Type Function 20 SLS3 Analog Phase 3 low-side reference voltage (source of the external low-side MOSFET in the half- bridge 3). 21 GLS3 Analog Phase 3 low-side driver output. 22 SLS2 Analog Phase 2 low-side reference voltage (source of the external low-side MOSFET in the half- bridge 2). 23 GLS2 Analog Phase 2 low-side driver output. 24 SLS1 Analog Phase 1 low-side reference voltage (source of the external low-side MOSFET in the half- bridge 1). 25 GLS1 Analog Phase 1 low-side driver output. 26 OUT3 Analog Phase 3 high-side reference voltage (external half-bridge 3 output). 27 GHS3 Analog Phase 3 high-side driver output. 28 OUT2 Analog Phase 2 high-side reference voltage (external half-bridge 2 output). 29 GHS2 Analog Phase 2 high-side driver output. 30 OUT1 Analog Phase 1 high-side reference voltage (external half-bridge 1 output). 31 GHS1 Analog Phase 1 high-side driver output. 32 VDSTH Analog In VDS monitoring threshold. Internal pull-down. 33 INH3/IN3 Digital In Digital control signal for the high-side of the phase 3 or control of the OUT3 voltage level. Internal pull-down. 34 INH2/IN2 Digital In Digital control signal for the high-side of the phase 2 or control of the OUT2 voltage level. Internal pull-down. 35 INH1/IN1 Digital In Digital control signal for the high-side of the phase 1 or control of the OUT1 voltage level. Internal pull-down. 36 INL3/EN3 Digital In Digital control signal for the low-side of the phase 3 or enable of the half-bridge on OUT3. Internal pull-down. 37 INL2/EN2 Digital In Digital control signal for the low-side of the phase 2 or enable of the half-bridge on OUT2. Internal pull-down. 38 INL1/EN1 Digital In Digital control signal for the low-side of the phase 1 or enable of the half-bridge on OUT1. Internal pull-down. 39 nSTBY Digital In Digital control for the standby mode (active low). Internal pull-down. 40 LGC_CAP Power Pin for external bypass capacitor – internal logic supply stabilization (not intended for external supply purposes). EPAD GND Power Ground. STDRIVE102BH, STDRIVE102H Pin description DS14545 - Rev 1 page 14/56 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |