| Electronic Components Datasheet Search |
|
STDRIVE102H Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE102H Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 56 page ![]() When INx is toggled, the logic changes the state of both the high-side x and the low-side x with a specific sequence: the driver that is currently HIGH is set LOW; then, after a deadtime, the complementary driver is set HIGH. The deadtime is necessary to avoid dangerous cross-conductions. The deadtime is managed by the internal logic, according to the device’s setting. Since the time required to completely discharge the gate of the external MOSFET is tcc,off, it is also equivalent to the deadtime (Figure 14). Figure 14. Current management using EN/IN mode -Ihold,off -Iclamp tcc,off tcc,on INx ENx VGS,LSx VGS,HSx +Ihold,on +IGATE,on -IGATE,off hold off gate on hold on gate off clamp hold off -Ihold,off -Iclamp +Ihold,on +IGATE,on -IGATE,off tcc,off tcc,on gate on hold on hold off clamp gate off HS Current capability LS Current capability hold on The current and the timing of the driver are strictly related: they must be configured by the user through the TCC and IGATE pins, according to the external power MOSFET and the slew rate required by the application. The IGATE level must be chosen according to Table 9 and considering the gate-drain charge Qgd of the driven MOSFET and the rising time/fall time and thus the slew rate of the OUTx pin of the half-bridge. Equation 1 IGATE,on/off≅Qgdtsw (1) The current to be considered, whether IGATE,on or IGATE,off depends on which MOSFET of the half-bridge is hard- switching. Eq. (1) provides an indication to select a suitable driving current for the application; however, it must be considered that Cgd varies with the VDS of the MOSFET, therefore some margins must be taken. The tsw in Eq. (1) represents the switching time of the half-bridge OUTx and it is strictly related to the slew rate. Equation 2 SROUTx≅VMtsw (2) STDRIVE102BH, STDRIVE102H Device description DS14545 - Rev 1 page 24/56 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |