Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVE102H Datasheet(PDF) 22 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 18Page - STMicroelectronics STDRIVE102H Datasheet HTML 19Page - STMicroelectronics STDRIVE102H Datasheet HTML 20Page - STMicroelectronics STDRIVE102H Datasheet HTML 21Page - STMicroelectronics STDRIVE102H Datasheet HTML 22Page - STMicroelectronics STDRIVE102H Datasheet HTML 23Page - STMicroelectronics STDRIVE102H Datasheet HTML 24Page - STMicroelectronics STDRIVE102H Datasheet HTML 25Page - STMicroelectronics STDRIVE102H Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Table 10. Programmable constant-current time (TCC) typical values
TCC level
refer to Table 11
Input mode
tcc,on
[ns]
tcc,off
[ns]
tdg[VDS]
[μs]
0 (GND)
INH/INL mode
(refer to Section 5.2.1.2)
2240
1120
3.5
1
EN/IN mode
(refer to Section 5.2.1.1)
280
140
3.5
2
560
280
3.5
3
840
420
3.5
4
1120
560
3.5
5
1400
700
3.5
6
1680
840
3.5
7
1960
980
3.5
8
2240
1120
3.5
9
2520
1260
4.5
10
2800
1400
4.5
11
3080
1540
4.5
12
3360
1680
6
13
3800
1900
6
14
4400
2200
7
15 (VDD)
4800
2400
7
The IGATE level and the TCC level reported in Table 9 and in Table 10 refer to an analog voltage that is a fraction
of VDD. Therefore, the selected level on the pins can be configured by two resistor dividers, one for IGATE and
one for TCC.
Figure 13. TCC and IGATE level selection example
VDD
TCC/IGATE
GND
R1
R2
Table 11 summarizes the VDD ratio for each level and a suggested pair of standard resistor values suitable for
each configuration, the R1 and R2 resistors are defined as shown in Figure 13.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 22/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com