| Electronic Components Datasheet Search |
|
STDRIVE102H Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE102H Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 56 page ![]() The STDRIVE102BH/H implements two control modes: the enable/input mode (EN/IN) or the direct mode (INH/ INL), respectively explained in Section 5.2.1.1 and Section 5.2.1.2. The digital inputs assume a different function according to the input mode selected: • In case the device is configured in Enable/Input mode: – INHx/INx → INx – INLx/ENx → ENx • In case the device is configured in Direct mode: – INHx/INx → INHx – INLx/ENx → INLx In addition to the six digital inputs mentioned above, another digital input named EN (pin 47 for the STDRIVE102BH and pin 1 for the STDRIVE102H) is used as general enable: in case it is forced to 0, all the six gate drivers are set LOW, turning off all the external power MOSFETs. Setting EN to 1 activates the gate drivers, which behave according to their related digital inputs. The EN pin also integrates an analog threshold Vrelease, to release the latched condition after a FAULT event (refer to Section 5.6.1). Figure 11. High-side driver simplified block diagram VBOOT GHSx OUTx Isource Isink Figure 12. Low-side driver simplified block diagram VCC GLSx SLSx Isource Isink STDRIVE102BH, STDRIVE102H Device description DS14545 - Rev 1 page 20/56 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |