Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP4010/10S/4550. Datasheet(PDF) 6 Page - Bulgin Limited. All rights reserved.

Part # PXP4010/10S/4550.
Description  4000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP4010/10S/4550. Datasheet(HTML) 6 Page - Bulgin Limited. All rights reserved.

  PXP4010/10S/4550. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Buccaneer for Power 6
Specifications
BUCCANEER FOR POWER
4000 Series Buccaneer
Body Styles
PXP4010 = Flex body
PXP4011 = Flex in-line body
PXP4013 = Rear panel/PCB mounting body
Number Contacts
03 = 3 pole,
08 = 8 pole,
12 = 12 pole,
Contact Type
P = Pin,
S = Socket
For PXP4010 and PXP4011 cable connectors
- Cable Entry Size:
3035 = 3.0 - 3.5mm (Light Grey)
3540 = 3.5 - 4.0mm (Grey)
4045 = 4.0 - 4.5mm (Green)
4550 = 4.5 - 5.0mm (Red)
5055 = 5.0 - 5.5mm (Yellow)
5560 = 5.5 - 6.0mm (Blue)
6065 = 6.0 - 6.5mm (White)
6570 = 6.5 - 7.0mm (Black)
Cable gland and collet supplied in colour coded pairs.
For PXP4013 PCB/Rear Panel Mount:
PC = Pre-loaded PC pins
Blank = no pins supplied
Examples:
PXP4010/03S/4045 = Flex cable connector, 3 socket contacts with gland and
collet for cables between 4.0 and 4.5mm diameter (supplied less contacts).
PXP4013/08P = Rear panel mounting connector, for 8 pin contacts
(supplied less contacts).
PXP4013/03P/PC = Rear panel/PCB connector, 3 pin contacts, PCB mounting
(supplied with contacts loaded).
PXP40 xx
XX
X
XXXX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com