Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP4010/10S/4550. Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PXP4010/10S/4550.
Description  4000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP4010/10S/4550. Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PXP4010/10S/4550. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buccaneer for Power 2
BUCCANEER FOR POWER
4000 Series Buccaneer
Flex Cable Connector
PXP4010
Mates with Flex In-line or
Panel mounting versions
PXP4011, PXP4013
Pin or socket
3, 8, or 12 pole
¼ turn locking ring
Contacts supplied separately
Inline Flex Cable Connector
PXP4011
Mates with Flex Cable
connector PXP4010
Pin or socket
3, 8, or 12 pole
For in-line cable connection
Contacts supplied separately
B
C
D
A
2
3
5
4
6
7
8
1
F
E
A
B
C
D
E
F
Drawing no.
Title / Description
Created by
Approved by
Scale
Date issue created
Sheet 1 OF 1
A3
Finish
Material
Document type
Brand
Elektron Technology UK Ltd
Broers Building
JJ Thomson Avenue
Cambridge CB3 0FA
United Kingdom
www.elektron-technology.com
Sheet size
Sheet no.
DO NOT SCALE DRAWING
Drawing no.
Used on
THIRD ANGLE
PROJECTION
TOLERANCES UNLESS OTHERWISE
STATED SHALL ADHERE TO:
ALL DIMENSIONS IN MILLIMETERS
ISO 2768-
COPYRIGHT© 2014 ELEKTRON TECHNOLOGY UK LTD. ALL RIGHTS RESERVED, NO UNAUTHORISED DUPLICATION OR MANUFACTURE PERMITTED
ISSUE
ECR No.
NOTE
DATE
2
3
5
4
6
7
8
1
19,6
46,3
BULGIN
ARTWORK
ART_PXP4010-##P
4000 SERIES
FLEX CONNECTOR
C TAYLOR
09/11/15
ART_PXP4010-##P
N/A
CLEAN & FREE FROM
FLASH
3:1
09/11/15
INITIAL RELEASE
1
PXP4010-##P
-
B
C
D
A
2
3
5
4
6
7
8
1
F
E
A
B
C
D
E
F
Drawing no.
Title / Description
Created by
Approved by
Scale
Date issue created
Sheet 1 OF 1
A3
Finish
Material
Document type
Brand
Elektron Technology UK Ltd
Broers Building
JJ Thomson Avenue
Cambridge CB3 0FA
United Kingdom
www.elektron-technology.com
Sheet size
Sheet no.
DO NOT SCALE DRAWING
Drawing no.
Used on
THIRD ANGLE
PROJECTION
TOLERANCES UNLESS OTHERWISE
STATED SHALL ADHERE TO:
ALL DIMENSIONS IN MILLIMETERS
ISO 2768-
COPYRIGHT© 2014 ELEKTRON TECHNOLOGY UK LTD. ALL RIGHTS RESERVED, NO UNAUTHORISED DUPLICATION OR MANUFACTURE PERMITTED
ISSUE
ECR No.
NOTE
DATE
2
3
5
4
6
7
8
1
19,6
46,4
BULGIN
ARTWORK
ART_PXP4011-##P
4000 SERIES
FLEX CONNECTOR
C TAYLOR
09/11/15
ART_PXP4011-##P
N/A
CLEAN & FREE FROM
FLASH
3:1
09/11/15
INITIAL RELEASE
1
PXP4011-##P
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com