Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXP4010/10S/4550. Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PXP4010/10S/4550.
Description  4000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP4010/10S/4550. Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PXP4010/10S/4550. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP4010/10S/4550. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 Buccaneer for Power
No. Poles:
Current Rating UL / VDE:
Current Rating CSA:
Voltage Rating (ac/dc):
Contact Resistance:
Insulation Resistance:
AC Breakdown voltage:
Operating Temperature:
Flex and panel types
Approvals:
UL (pending)
CSA (pending)
VDE (pending)
3
8
12
13A
8A
3A
10A
4A
2A
600Vac/dc 600Vac/dc 600Vac/dc
<5mΩ
>10⁶MΩ(@500Vd.c.)
2.5kV
–40°C to +120°C
Sealing:
Salt Mist:
Vibration:
Cable Acceptance:
Contact Accommodation:
Termination:
Insertion/Withdrawal Force:
No. poles:
Insertion Force (typ):
Withdrawal Force (typ):
Gland Nuts
Panel mount (PXP4013)
Frontfixingnut:
Cable Retention force
(to BS EN61984):
3.0mm dia
4.0 to 7.0mm dia
Panel thread PXP4013:
IP66 to En60529:1992+A2:2013
IP68 to En60529:1992+A2:2013 (10m
depth for 2 weeks)
IP69k to DIN 40050-9
EN60068-2-52 Test Kb Salt Mist
(Cyclic) Marine Severity Level 1
BS EN 60068-2-64:2008 Test Fh
BS EN 60068-2-27:2009 Test Ea
3.0 - 7.0mm
3 pole, 16 - 18 AWG
8 pole, 18 - 20 AWG
12 pole, 22 - 24 AWG
Crimp, solder and PCB
3
8
12
25N 28N 62N
17N 22N 29N
0.85 - 0.95NM
1.0-1.1Nm (9lbf.in.)
60N
80N
18.97x26TPI Whitworth form to
BS84medfit
Polyamide
UL94V-0
To EN 50021:1999
Copper alloy, Gold plated
Silicone
Silicone
Compliant
Flex and panel types:
Body Mouldings:
Flammability Rating:
UV Resistance:
Contacts:
O Rings:
Panel Sealing O Ring:
RoHS
Electrical:
Mechanical:
Material:
Specifications
BUCCANEER FOR POWER
4000 Series Buccaneer
Dimensions:
Overall dimensions of connectors when mated together
Flex + Flex In-Line
Dia. over coupling ring
80mm
19.7mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com