Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562AI Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32H562AI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 30Page - STMicroelectronics STM32H562AI Datasheet HTML 31Page - STMicroelectronics STM32H562AI Datasheet HTML 32Page - STMicroelectronics STM32H562AI Datasheet HTML 33Page - STMicroelectronics STM32H562AI Datasheet HTML 34Page - STMicroelectronics STM32H562AI Datasheet HTML 35Page - STMicroelectronics STM32H562AI Datasheet HTML 36Page - STMicroelectronics STM32H562AI Datasheet HTML 37Page - STMicroelectronics STM32H562AI Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
34/270
DS14258 Rev 5
•
RC48 with clock recovery system (HSI48): internal 48 MHz clock source (HSI48),
can be used to drive the USB.
•
UCPD kernel clock, derived from HSI clock. The HSI RC oscillator must be enabled
prior to the UCPD kernel clock use.
•
Auxiliary clock source: two ultra-low power clock sources that can be used to drive
the real-time clock:
–
32.768 kHz low-speed external crystal (LSE), supporting four drive capability
modes. The LSE can also be configured in bypass mode for an external clock.
–
32 kHz low-speed internal RC (LSI), also used to drive the independent watchdog.
•
Peripheral clock sources: several peripherals have their own independent clock,
whatever the system clock. Three PLLs, each having three independent outputs
allowing the highest flexibility, can generate independent clocks for the ADC, USB,
SDMMC, RNG, FDCAN1, OCTOSPI, and the two SAIs.
•
Startup clock: after reset, the microcontroller restarts by default with an internal
32 MHz clock (HSI/2). The prescaler ratio and clock source can be changed by the
application program as soon as the code execution starts.
•
Clock security system (CSS): this feature can be enabled by software. If a HSE clock
failure occurs, the master clock automatically switches to HSI and a software interrupt
is generated if enabled. LSE failure can also be detected and generates an interrupt.
•
Clock-out capability:
–
MCO (microcontroller clock output): outputs one of the internal clocks for
external use by the application.
–
LSCO (low-speed clock output): outputs LSI or LSE in all low-power modes
(except VBAT mode).
Several prescalers allow AHB and APB frequencies configuration. The maximum frequency
of the AHB and the APB clock domains is 250 MHz.
3.12.1
RCC TrustZone security
When the TrustZone security is activated by the TZEN option bit, the RCC is switched in
TrustZone security mode.
The RCC TrustZone security secures some RCC system configuration and peripheral
configuration clock from being read or modified by nonsecure accesses: when a peripheral
is secure, the related peripheral clock, reset, clock source selection and clock enable during
low-power modes control bits are secure.
A peripheral is in secure state:
•
when its corresponding SEC security bit is set in the TZSC (TrustZone security
controller), for securable peripherals.
•
when a security feature of this peripheral is enabled through its dedicated bits, for
TrustZone-aware peripherals.
3.13
Clock recovery system (CRS)
The devices embed a special block that allows automatic trimming of the internal 48 MHz
oscillator to guarantee its optimal accuracy over the whole device operational range. The
trimming is based on the external synchronization signal, derived from USB SOF
signalization, from LSE oscillator, from an external signal on CRS_SYNC pin, or generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com