Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562AI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32H562AI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Datasheet(HTML) 1 Page - STMicroelectronics

  STM32H562AI Datasheet HTML 1Page - STMicroelectronics STM32H562AI Datasheet HTML 2Page - STMicroelectronics STM32H562AI Datasheet HTML 3Page - STMicroelectronics STM32H562AI Datasheet HTML 4Page - STMicroelectronics STM32H562AI Datasheet HTML 5Page - STMicroelectronics STM32H562AI Datasheet HTML 6Page - STMicroelectronics STM32H562AI Datasheet HTML 7Page - STMicroelectronics STM32H562AI Datasheet HTML 8Page - STMicroelectronics STM32H562AI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 270 page
background image
This is information on a product in full production.
January 2025
DS14258 Rev 5
1/270
STM32H562xx and STM32H563xx
Arm® Cortex®-M33 32-bit MCU + TrustZone® + FPU, 375 DMIPS,
250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
Datasheet
- production data
Features
Includes ST state-of-the-art patented
technology
Core
• Arm® Cortex®-M33 CPU with TrustZone®,
FPU, frequency up to 250 MHz, MPU,
375 DMIPS (Dhrystone 2.1)
ART Accelerator
• 8-Kbyte instruction cache allowing
0-wait-state execution from flash and external
memories
• 4-Kbyte data cache for external memories
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 1023 CoreMark® (4.092 CoreMark®/MHz)
Memories
• Up to 2 Mbytes of embedded flash memory
with ECC, two banks read-while-write
• Up to 48-Kbyte per bank with high-cycling
capability (100 K cycles) for data flash
• 2-Kbyte OTP (one-time programmable)
• 640 Kbytes of SRAM (64-Kbyte SRAM2 with
ECC and 320-Kbyte SRAM3 with flexible ECC)
• 4 Kbytes of backup SRAM available in the
lowest power modes
• Flexible external memory controller with up to
16-bit data bus: SRAM, PSRAM, FRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• One Octo-SPI memory interface with support
for serial PSRAM/NAND/NOR, hyper
RAM/flash frame formats
• Two SD/SDIO/MMC interfaces
Clock management
• Internal oscillators: 64 MHz HSI,
48 MHz HSI48, 4 MHz CSI, 32 kHz LSI
• External oscillators: 4-50 MHz HSE,
32.768 kHz LSE
General-purpose inputs/outputs
• Up to 140 fast I/Os with interrupt capability
(most of them 5 V-tolerant)
• Up to ten I/Os with independent supply down to
1.08 V
Low-power consumption
• Sleep, Stop, and Standby modes
• VBAT supply for RTC, 32 backup registers
(32-bit)
Security
• Arm® TrustZone® with Armv8-M mainline
security extension
• Up to eight configurable SAU regions
• TrustZone® aware and securable peripherals
• Flexible life cycle scheme with secure debug
authentication
• SFI (secure firmware installation)
• Secure firmware upgrade support with TF-M
UFBGA
LQFP64 (10 x 10 mm)
LQFP100 14 x 14 mm)
LQFP144 (20 x 20 mm)
LQFP176 (24 x 24 mm)
UFBGA169 (7 x 7 mm)
UFBGA 176+25 (10 x 10 mm)
VFQFPN68 (8 x 8 mm)
WLCSP80 (3.50 X 3.27 mm)
www.st.com


Similar Part No. - STM32H562AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H563ZI STMICROELECTRONICS-STM32H563ZI Datasheet
2Mb / 14P
Professional MEMS tool: evaluation board for all ST MEMS sensors
20-Jan-2025
More results

Similar Description - STM32H562AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
STM32H7B3XI STMICROELECTRONICS-STM32H7B3XI Datasheet
7Mb / 238P
32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
04-May-2021
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com