Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H562AI Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32H562AI
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 29Page - STMicroelectronics STM32H562AI Datasheet HTML 30Page - STMicroelectronics STM32H562AI Datasheet HTML 31Page - STMicroelectronics STM32H562AI Datasheet HTML 32Page - STMicroelectronics STM32H562AI Datasheet HTML 33Page - STMicroelectronics STM32H562AI Datasheet HTML 34Page - STMicroelectronics STM32H562AI Datasheet HTML 35Page - STMicroelectronics STM32H562AI Datasheet HTML 36Page - STMicroelectronics STM32H562AI Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 270 page
background image
DS14258 Rev 5
33/270
STM32H562xx and STM32H563xx
Functional overview
62
3.10.5
PWR TrustZone security
When the TrustZone security is activated by the TZEN option bit, the PWR is switched in
TrustZone security mode.
The PWR TrustZone security secures the following configuration:
•
Low-power mode
•
Wake-up (WKUP) pins
•
Voltage detection and monitoring
•
VBAT mode
Some of the PWR configuration bits security are defined by the security of other peripherals:
•
The voltage scaling (VOS) configuration is secure when the system clock selection is
secure in RCC.
•
The I/O pull-up/pull-down in Standby mode configuration is secure when the
corresponding GPIO is secure.
•
The backup domain write protection is secure when the RTC is secure.
3.11
Peripheral interconnect matrix
Several peripherals have direct connections between them, for autonomous
communication, and to support the saving of CPU resources (thus power supply
consumption). In addition, these hardware connections allow fast and predictable latency.
Depending on the peripherals, these interconnections can operate in Run and Sleep modes.
3.12
Reset and clock controller (RCC)
The clock controller distributes the clocks coming from the different oscillators to the core
and to the peripherals. It also manages the clock gating for low-power modes and ensures
the clock robustness. It features:
•
Clock prescaler: to get the best trade-off between speed and current consumption,
the clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler.
•
Clock security system: clock sources can be changed safely on the fly in Run mode
through a configuration register.
•
Clock management: to reduce the power consumption, the clock controller can stop
the clock to the core, individual peripherals, or memory.
•
System clock source: four different clock sources can be used to drive the master
clock SYSCLK:
–
4 to 50 MHz high-speed external crystal or ceramic resonator (HSE), can supply a
PLL. The HSE can also be configured in bypass mode for an external clock.
–
64 MHz high-speed internal RC oscillator (HSI), trimmable by software, can
supply a PLL.
–
4 MHz low-power internal oscillator (CSI), trimmable by software, can supply a
PLL.
–
System PLL, which can be fed by HSE, HSI, or CSI, with a maximum frequency at
250 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com