Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIM006-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM006-DOC
Description  PIM I/O Module for Gigabit Ethernet PMCs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM006-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM006-DOC Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TPIM006
PIM I/O Module for Gigabit Ethernet PMCs
Application Information
The TPIM006 is a standard single-width PIM I/O module to
be used with any PIM carrier like TEWS’ TCP020,
TVME020 or others. It offers easy access to the PMC
back I/O lines of PMC carriers like TEWS' TCP260 or
TVME8400.
The TPIM006 distributes the Ethernet signals of the
TEWS' Gigabit Ethernet modules with back I/O to RJ-45
connectors located in the front panel of the PIM module.
The TPIM006 reproduces the front I/O signal mapping of
TEWS four channel 10/100/1000 Mbit/s Ethernet adapter
PMCs in its RJ-45 connectors when used with the
TPMC885-11R or TPMC385-10R for example.
The operating temperature is -40°C to +85°C.
Technical Information
 Form Factor: Standard single-width PIM I/O module
conforming to VITA 36 – 199X Draft 0.1
 Board size: 69 mm x 74 mm
 I/O lines routed to RJ45 connectors in the front panel
 EMI Front Panel
 Operating temperature: -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPIM006-10R: 758081 h
Order Information
RoHS Compliant
TPIM006-10R
PIM I/O Module for Quad 10/100/1000 Ethernet PMC
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TPIM006-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM006-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM006 TEWS-TPIM006 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM006 TEWS-TPIM006 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
611Kb / 3P
Dual/Four Channel 10/100/1000 Mbit/s Ethernet
06.01.2022
TPIM006 TEWS-TPIM006 Datasheet
422Kb / 2P
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
2017-08-31
More results

Similar Description - TPIM006-DOC

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-MIX24880 REDLION-ET-MIX24880 Datasheet
612Kb / 2P
Ethernet Combination I/O Module
ET-16DO2 REDLION-ET-16DO2 Datasheet
483Kb / 1P
Ethernet I/O Module ??Discrete Outputs
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
M-System Co.,Ltd.
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7K4FE-6-DC16 MSYSTEM-R7K4FE-6-DC16 Datasheet
258Kb / 7P
Remote I/O R7K4F Series ETHERNET I/O MODULE
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com