Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIM006 Datasheet (PDF) - TEWS Technologies GmbH

TPIM006 Datasheet PDF - TEWS Technologies GmbH
Part # TPIM006
Download  TPIM006 Download
File Size   422.12 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet

TPIM006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM006 Datasheet PDF - TEWS Technologies GmbH

Part # TPIM006
Download  TPIM006 Click to download

File Size   422.12 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet

TPIM006 Datasheet (HTML) - TEWS Technologies GmbH


TPIM006 Product details

Application Information
The TPMC385 is a Conduction Cooled PCI Mezzanine Card (CCPMC) compatible module providing a four channel Ethernet 10BASE-T / 100BASE-TX / 1000BASE-T interface.
A transparent 64 bit, up to 133 MHz PCI-X/PCI to PCIe Bridge and a PCIe Switch provide access to the Intel™ 82574IT Gigabit Ethernet controllers. Each Ethernet interface supports 10, 100 and 1000Mbit/s transmission rates for full duplex operation, 10 and 100Mbit/s transmissions for half duplex operation, and is equipped with a 32 Kbit Serial EEPROM.
The four Ethernet interfaces of the TPMC385 are capable of performing an auto negotiation algorithm which allows both link-partners to find out the best link-parameters by themselves. The TPMC385 is widely user configurable via configuration and status register access over the PCI bus.
The TPMC385-10R routes all four 10/100/1000Mbit/s Ethernet ports to the PMC back I/O P14 connector.
All ports are galvanically isolated from the Ethernet controllers and LEDs on the board indicate the different network activities.
The module meets the requirements to operate in extended temperature range from -40° to +85°C.
Software Support:
o Software support for Intel™ 82574IT at www.intel.com
o For operating systems not supported by Intel™, please contact TEWS.




Similar Part No. - TPIM006

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM006 TEWS-TPIM006 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM006 TEWS-TPIM006 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
196Kb / 1P
PIM I/O Module for Gigabit Ethernet PMCs
2017-08-31
TPIM006 TEWS-TPIM006 Datasheet
611Kb / 3P
Dual/Four Channel 10/100/1000 Mbit/s Ethernet
06.01.2022
More results


Similar Description - TPIM006

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
List of Unclassifed Man...
942132003 ETC2-942132003 Datasheet
95Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132014 ETC2-942132014 Datasheet
97Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942132015 ETC2-942132015 Datasheet
98Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141019 ETC2-942141019 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141020 ETC2-942141020 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141033 ETC2-942141033 Datasheet
104Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
942141034 ETC2-942141034 Datasheet
105Kb / 2P
Unmanaged, Industrial ETHERNET Rail Switch, fanless design, store and forward switching mode, 10/100/1000 Mbit/s Ethernet
logo
PMC-Sierra, Inc
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Schneider Electric
170ENT11001 SCHNEIDER-170ENT11001 Datasheet
126Kb / 2P
Modicon Momentum - Ethernet communication adaptor - 10/100 Mbit/s
Apr 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com