Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIM006-DOC Datasheet (PDF) - TEWS Technologies GmbH

TPIM006-DOC Datasheet PDF - TEWS Technologies GmbH
Part # TPIM006-DOC
Download  TPIM006-DOC Download
File Size   196.53 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PIM I/O Module for Gigabit Ethernet PMCs

TPIM006-DOC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIM006-DOC Datasheet PDF - TEWS Technologies GmbH

Part # TPIM006-DOC
Download  TPIM006-DOC Click to download

File Size   196.53 Kbytes
Page   1 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description PIM I/O Module for Gigabit Ethernet PMCs

TPIM006-DOC Datasheet (HTML) - TEWS Technologies GmbH


TPIM006-DOC Product details

Application Information
The TPIM006 is a standard single-width PIM I/O module to be used with any PIM carrier like TEWS’ TCP020, TVME020 or others. It offers easy access to the PMC back I/O lines of PMC carriers like TEWS' TCP260 or TVME8400.
The TPIM006 distributes the Ethernet signals of the TEWS' Gigabit Ethernet modules with back I/O to RJ-45 connectors located in the front panel of the PIM module.The TPIM006 reproduces the front I/O signal mapping of TEWS four channel 10/100/1000 Mbit/s Ethernet adapter PMCs in its RJ-45 connectors when used with the TPMC885-11R or TPMC385-10R for example.
The operating temperature is -40°C to +85°C.




Similar Part No. - TPIM006-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM006 TEWS-TPIM006 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM006 TEWS-TPIM006 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM006 TEWS-TPIM006 Datasheet
611Kb / 3P
Dual/Four Channel 10/100/1000 Mbit/s Ethernet
06.01.2022
TPIM006 TEWS-TPIM006 Datasheet
422Kb / 2P
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
2017-08-31
More results


Similar Description - TPIM006-DOC

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-MIX24880 REDLION-ET-MIX24880 Datasheet
612Kb / 2P
Ethernet Combination I/O Module
ET-16DO2 REDLION-ET-16DO2 Datasheet
483Kb / 1P
Ethernet I/O Module ??Discrete Outputs
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
M-System Co.,Ltd.
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7K4FE-6-DC16 MSYSTEM-R7K4FE-6-DC16 Datasheet
258Kb / 7P
Remote I/O R7K4F Series ETHERNET I/O MODULE
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com