Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS62320DRCRG4
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS62320DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 13Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 14Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 15Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
www.ti.com
1.568
1.578
1.588
1.598
1.608
1.618
1.628
0.1
1
10
100
1000
VI = 3.6 V, VO = 1.6 V,
L = 2.2 mH
PWM Operation
PFM/PWM Operation
IO − Load Current − mA
402
402.5
403
403.5
404
404.5
405
405.5
406
-40 -30 -20 -10
0 10 20 30 40 50 60 70 80 85
TA - Ambient Temperature - 5C
VI = 4.2 V
VI = 3.6 V
VI = 2.7 V
TPS62300
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
VI − Input Voltage − V
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
TA = −405C
TA = 255C
TA = 855C
MODE/SYNC = HIGH
80
82
84
86
88
90
92
94
96
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
TA = 855C
TA = 255C
TA = −405C
VI − Input Voltage − V
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
OUTPUT VOLTAGE
REGULATED FEEDBACK VOLTAGE
vs
vs
LOAD CURRENT
TEMPERATURE
Figure 17.
Figure 18.
QUIESCENT CURRENT
OSCILLATOR FREQUENCY
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 19.
Figure 20.
12
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com