Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62320DRCRG4
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62320DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
www.ti.com
PIN ASSIGNMENTS
ADJ
FB
AVIN
EN
AGND
SW
VIN
MODE/SYNC
PGND
VOUT
VIN
NC
NC
AVIN
EN
AGND
SW
MODE/SYNC
PGND
VOUT
ADJ
A1
B1
C1
D1
A2
B2
C2
D2
GND
SW
MODE/SYNC
VOUT
VIN
EN
FB
MODE/SYNC
C1
A2
B2
C2
D2
A1
B1
D1
VIN
EN
ADJ
FB
GND
SW
VOUT
TPS62300,TPS62320
QFN-10
(TOP VIEW)
TPS6230x,TPS6232x
FIXEDOUTPUTVOLTAGE(QFN-10)
(TOP VIEW)
TPS6230x,TPS6231x,TPS6232x
CSP-8
(TOP VIEW)
TPS6230x,TPS6231x,TPS6232x
CSP-8
(BOTTOMVIEW)
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
QFN
CSP
VIN
1
A2
I
Supply voltage for output power stage.
AVIN
2
I
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
This is the enable pin of the device. Connecting this pin to ground forces the device into shutdown
EN
3
B2
I
mode. Pulling this pin to VI enables the device. This pin must not be left floating and must be
terminated.
This is the internal reference voltage used to regulate VO. This pin is not connected on fixed output
voltage version of TPS6230xDRC and TPS6232xDRC. Do not connect ADJ pin on fixed output
voltage version of TPS6230xYZD, TPS6231xYZD, TPS6231xYZ and TPS6232xYxD.
ADJ
4
C2
I/O
On TPS62300 and TPS62320, this pin can also be used as an external control input. The output
voltage is 1.5x the applied voltage at ADJ.
This is the feedback pin of the device. For the adjustable version, an external resistor divider is
connected to this pin. The internal voltage divider is disabled for the adjustable version. This pin is
FB
5
D2
I
not connected on fixed output voltage version of TPS6230xDRC and TPS6232xDRC. Do not
connect the FB pin on the fixed output voltage version of TPS6230xYZD, TPS6231xYZD,
TPS6231xYZ and TPS6232xYxD.
VOUT
6
D1
I
Output feedback sense input. Connect VOUT to the converter’s output.
AGND
7
Analog ground. Connect to PGND via the PowerPAD™ underneath IC.
Input for synchronization to external clock signal. This pin must not be left floating and must be
terminated. Synchronizes the converter switching frequency to an external clock signal
MODE/SYNC = LOW (GND): The device is operating in fixed frequency pulse width modulation
MODE/SYNC
8
C1
I
mode (PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE/SYNC = HIGH (VIN): Low-noise mode enabled, fixed frequency PWM operation forced.
PGND
9
A1
Power ground.
This is the switch pin of the converter and is connected to the drain of the internal Power
SW
10
B1
I/O
MOSFETs.
PowerPAD™
N/A
Internally connected to PGND.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com