Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62320DRCRG4
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62320DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62320DRCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
+
_
+
Power-Save
Mode
Switching
Logic
REF
REF
_
EN
R(DIS)
P
TPS6232x
Only
N-MOSCurrentLimit
Compator
P-MOSCurrentLimit
Compator
GateDriver
Anti
Shoot-Through
P
P
SW
VOUT
PGND
_
+
ComparatorLow
-1.5%V OUT(NOMINAL)
Summing
Comparator
+
+
-
+
+
+
-
-
+
RAMP HEIGHT
0.1VIN
+
-
Mid-,High-Frequency
Zero-PolePair
_
+
A
A
R2
R1
Seenote A
VREF
C
2R
VOUT
R
2C
A
=3
(DC)
-
Soft-Start
CompLow
3-MHz
Oscillator+PLL
Sawtooth
Generator
Thermal
Shutdown
BandGap
VREF =0.4V
Undervoltage
Lockout
BiasSupply
AGND
ADJ
FB
AVIN
MODE/SYNC
EN
VIN
NOTE A:
:
PARAMETER MEASUREMENT INFORMATION
AVIN
VIN
SW
U1
L1
ADJ
C1
VO
1.6V/500mA
PGND
C2
VI
AGND
VOUT
R1
R2
EN
MODE/SYNC
A
A
FB
A
1
2
3
8
7
10
6
4
5
9
10 F
m
ListofComponents:
U1=TPS6230x
L1=FDKMIPW3226Series
C1,C2=X5R/X7R
2.7V..6V
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com