Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 6 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 6 Page - Extreme Networks.

Back Button STK-RPS-150CH2 Datasheet HTML 2Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 3Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 4Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 5Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 6Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 10Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
 
 
Physical
CPU/Memory
• 64-bit MIPS Processor, 1 GHz clock, single core
• 1GB ECC DDR3 DRAM
• 4GB eMMC Flash
• 1.5MB packet buffer on 12 - 24 port switches, 3.0MB packet
buffer on 48-port switches
LED Indicators
• Per port status LED including power status
• System Status LEDs: management, fan and power
• 7 segment display of stack number – operational on switches
that support stacking
Stacking
• SummitStack-V with support for up to eight switches per
stack
• Mixed stacking with other ExtremeXOS Series switches, so
long as all are running the same ExtremeXOS version
• Requires two of the four available X440-G2 uplink ports
Note: SummitStack-V stacking is enabled on two of the four
X440-G2 uplink ports by default (no license required). All stacking
ports operate at 10Gb but do not use standard Ethernet protocols.
X440-G2 uplink ports, when not used for stacking, run the
standard Ethernet protocol. Non-stacking uplink ports are limited
by default to 1GbE, unless upgraded via software license. 10GbE
licenses are available, in both two- and four-port versions, as well
as a license to upgrade a dual 10GbE uplink switch to a four 10GbE
uplink switch, that enable X440-G2 uplink ports to run the 10Gb
Ethernet protocol.
 
Mapping of the two default X440-G2 stacking ports to their respective physical chassis interface #’s — by chassis type — are listed
below.
X440-G2 Switches*
Stack Port #
Physical Uplink Port # On Chassis
48 Port Models
1
49 (Rear Panel, Dedicated SFP+ Port)
2
50 (Rear Panel, Dedicated SFP+ port)
24 Port Models
1
27 (Rear Panel)
2
28 (Rear Panel)
12 Port Models
1
15 (Front Panel)
2
16 (Front Panel)
* The three extended temperature X440-G2 models (16539, 16540 and 16541) do NOT stack.
Minimum/Maximum Power Consumption and Heat Dissipation
Switch Model
Minimum1 Heat Dissipation
(BTU/Hr)
Minimum1 Power
Consumption (W)
Maximum2 Heat Dissipation
(BTU/Hr)
Maximum2 Power
Consumption (W)
X440-G2-12t-10GE4
52
15
109
32
X440-G2-24t-10GE4
87
26
136
40
X440-G2-48t-10GE4
141
41
208
61
X440-G2-12p-10GE4
72
21
216 (@200W PoE)
264
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com