Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 15 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 15 Page - Extreme Networks.

Back Button STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 10Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 11Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 12Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 13Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 14Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 15Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Part Number
Name
Description
STK-RPS-1005PS
1005 W RPS
1005W 802.3at PoE external redundant power supply for C5 PoE and X440-48p switches
STK-RPS-1005CH3
3-Slot Modular Shelf
3-Slot Modular Shelf for rack mounting up to three of any combination of extended
temperature 150W (10932 - RPS-150 XT) or STK-RPS-1005PS external redundant power
supplies
10936
EPS-C2
External Power System Chassis 2. Accepts up to three 750W AC PoE PSU 48V power supplies.
Accepts up to 5 EPS-CBL-2x7 or up to 1 EPS-CBL-2x9 cables
10939
EPS-CBL-2x7
External Power System Cable (1M with 2x7 pin) that connects EPS to any X440-G2 or X450-G2
for providing redundant power
10931
750W AC PSU
AC Power Supply module for EPS-C2 Chassis Redundant Power Supply
10965
LRM/MACsec Adapter
LRM/MACsec Adapter, includes two host cables for host switch connection, and USB cable for
optional power connection. Requires MACsec license on host switch.
10966
5-Unit Rack Mount Kit
Optional rack mount bracket for LRM/MACsec Adapter. Holds five units in 1RU
XN-2P-RMKIT-004
Spare Rack Mount Kit
Spare Rack Mount Kit for X440-G2 24 and 48-port models
ExtremeCloud IQ Pilot Licenses
Part Number
Name
Description
XIQ-PIL-S-C-EW
XIQ Pilot SAAS Subscription and
EW support (1 device)
ExtremeCloud IQ Pilot SaaS Subscription and EW SaaS support for one device
XIQ-PIL-S-C-PWP
XIQ Pilot SAAS Subscription and
PWP support (1 device)
ExtremeCloud IQ Pilot SaaS Subscription and PWP SaaS support for one device
Warranty
All X440-G2 Series models are covered under Extreme’s Universal LLW
policy. For warranty details, visit our Policies and Warranties page.
Power Cords
Power cords are not included with X440-G2 models in support of our green
initiatives but can be ordered separately.
Optics/Transceivers
For a list of the optics and transceivers supported on the X440-G2 Series
hardware, refer to our Extreme Optics Compatibility Tool.
Maintenance Services
Extreme's maintenance and support services are provided 100% by in-
house engineering experts. We have a rate of over 90% first-person
resolution, ensuring efficient operation of your business-essential network.
With 24x7x365 phone support, advanced part replacement, and on-site
support, we augment your staff with expert resources to help you mitigate
critical network issues fast. Visit our Extreme Maintenance Services page
for more information.
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
28jul23
www.extremenetworks.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com