Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 9 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 9 Page - Extreme Networks.

Back Button STK-RPS-150CH2 Datasheet HTML 5Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 6Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 10Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 11Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 12Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 13Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
• Packaged Random Vibration: 5 to 20 Hz at 1.0 ASD w/–3 dB/
oct. from 20 to 200 Hz
• Packaged Drop Height: 14 drops minimum on sides and
corners at 42 inches (<15 kg box)
Regulatory and Safety
North American ITE
• UL 60950-1 2nd edition A2:2014, Listed Device (U.S.)
• CSA 22.2 No. 60950-1 2nd edition 2014 (Canada)
• Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
• CDRH Letter of Approval (US FDA Approval)
European ITE
• EN 60950-1:2006+A11:2009+A1:2010+A12:2011+A2:2013 2nd Ed.
• EN 60825-1:2007 / IEC 60825-1:2007 Class 1 (Lasers Safety)
• 2014/35/EU Low Voltage Directive
International ITE
• CB Report & Certificate per IEC 60950-1: 2005+A1:2009+A2:2013
+ National Differences
• AS/NZS 60950-1 (Australia /New Zealand)
EMI/EMC Standards
North American EMC for ITE
• FCC CFR 47 part 15 Class A (USA)
• ICES-003 Class A (Canada)
European EMC Standards
• EN 55032:2015 Class A
• EN 55024:2010
• EN 61000-3-2:2014 (Harmonics)
• EN 61000-3-3:2013 (Flicker)
• EN 300 386 v1.6.1 (EMC Telecommunications)
• 2014/30/EU EMC Directive
International EMC Certifications
• CISPR 32:2015, Class A (International Emissions)
• AS/NZS CISPR32:2015
• CISPR 24:2010 Class A (International Immunity)
• IEC 61000-4-2:2008/EN 61000-4-2:2009 Electrostatic
Discharge, 8kV Contact, 15 kV Air, Criteria B
• IEC 61000-4-3:2010/EN 61000-4-3:2006 +A1:2008 +A2:2010
Radiated Immunity 10V/m, Criteria A
• IEC 61000-4-4:2012/EN 61000-4-4:2012 Transient Burst, 1 kV,
Criteria A
• IEC 61000-4-5:2014/EN 61000-4-5:2014 Surge, 1 kV L-L, 2 kV L-G,
Level 3, Criteria B
• IEC 61000-4-6:2013/EN 61000-4-6:2014 Conducted Immunity,
0.15-80 MHz, 10Vrms, 80%AM (1kHz) Criteria A
• IEC/EN 61000-4-11:2004 Power Dips & Interruptions, >30%, 25
periods, Criteria C
Country Specific
• VCCI Class A (Japan Emissions)
• ACMA RCM (Australia Emissions)
• CCC Mark
• KCC Mark, EMC Approval (Korea)
Telecom Standards
• CE 2.0 Compliant
IEEE 802.3 Media Access Standards
• IEEE 802.3ab 1000BASE-T
• IEEE 802.3z 1000BASE-X
• IEEE 802.3ae 10GBASE-X
• IEEE 802.3at PoE-Plus
Fan and Acoustic Noise
Switch Model
Acoustic Information
Bystander Sound Pressure*
Declared Sound Power (LWAD)*
X440-G2-12t-10GE4
0 dB(A) Fan Off
0 bels Fan Off
X440-G2-24t-10GE4
28.1 dB(A)
4.3 bels
X440-G2-48t-10GE4
37.9 dB(A)
5.4 bels
X440-G2-12p-10GE4
0 dB(A) Fan Off
0 bels Fan Off
X440-G2-24p-10GE4
39.4 dB(A)
5.5 bels
X440-G2-48p-10GE4
48.7 dB(A)
6.4 bels
X440-G2-24t-10GE4-DC
28.1 dB(A)
4.3 bels
www.extremenetworks.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com