Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 5 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 5 Page - Extreme Networks.

  STK-RPS-150CH2 Datasheet HTML 1Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 2Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 3Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 4Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 5Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 6Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switch Hardware
Ports
X450-G2-24p-GE4
• 24 x 10/100/1000BASE-T PoE-Plus
• 4 x 1GBASE-X SFP (unpopulated ports)
• 1 x Serial (console port RJ-45) with RTS/CTS modem control
• 1 x 10/100/1000BASE-T out-of-band management port
• 1 x USB 2.0 port for external USB flash
• 2 dedicated QSFP-form factor 21Gbps stacking ports on the rear panel
X450-G2-48p-GE4
• 48 x 10/100/1000BASE-T PoE-Plus
• 4 x 1GBASE-X SFP (unpopulated ports)
• 1 x Serial (console port RJ-45) with RTS/CTS modem control
• 1 x 10/100/1000BASE-T out-of-band management port
• 1 x USB 2.0 port for external USB flash
• 2 dedicated QSFP-form factor 21Gbps stacking ports on the rear panel
Physical
Switch Model
Weight
Physical Dimensions
X450-G2-24t-10GE4
13.71 lb (6.22 kg)
Height: 1 RU / 1.73 inches (4.4 cm)
Width: 17.4 inches (44.2 cm)
Depth: 19.2 inches (48.8 cm)
X450-G2-48t-10GE4
14.22 lb (6.45 kg)
X450-G2-24p-10GE4
13.71 lb (6.22 kg)
X450-G2-48p-10GE4
14.22 lb (6.45 kg)
X450-G2-24t-GE4
13.93 lb (6.32 kg)
X450-G2-48t-GE4
14.51 lb (6.58 kg)
X450-G2-24p-GE4
13.93 lb (6.32 kg)
X450-G2-48p-GE4
14.51 lb (6.58 kg)
Front-to-Back fan module
1.0 lb (0.46 kg)
Height: 1.59 inches (4.04 cm)
Width: 4.8 inches ( 12.2 cm)
Depth: 6.2 inches (15.75 cm)
Note: Switch weights include installed fan module. PoE switches do not include PSUs.
Refer to the
Summit Family Switches Hardware Installation Guide for packaged weight and dimensions.
LED Indicators
• Per port status LED including power status
• System Status LEDs: management, fan, and power
• 7 segment display of stack number
 
CPU/Memory
• 64-bit MIPS Processor, 1 GHz clock, dual core
• 1GB ECC DDR3 DRAM
• 4GB eMMC Flash
• 4MB packet buffer
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com