Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 8 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 8 Page - Extreme Networks.

Back Button STK-RPS-150CH2 Datasheet HTML 4Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 5Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 6Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 10Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 11Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 12Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
European EMC Standards
• EN 55022:2006+A1:2007 Class A
• EN 55024:A2-2003 Class A includes IEC 61000-4-2, 3, 4, 5, 6, 11
• EN 61000-3-2,8-2006 (Harmonics)
• EN 61000-3-3 2008 (Flicker)
• ETSI EN 300 386 v1.4.1, 2008-04 (EMC Telecommunications)
• 2004/108/EC EMC Directive
International EMC Certifications
• CISPR 22: 2006 Ed 5.2, Class A (International Emissions)
• CISPR 24:A2:2003 Class A (International Immunity)
• IEC 61000-4-2:2008/EN 61000-4-2:2009 Electrostatic
Discharge, 8kV Contact, 15 kV Air, Criteria A
• IEC 61000-4-3:2008/EN 61000-4-3:2006+A1:2008 Radiated
Immunity 10V/m, Criteria A
• IEC 61000-4-4:2004 am1 ed.2./EN 61000-4-4:2004/A1:2010
Transient Burst, 1 kV, Criteria A
• IEC 61000-4-5:2005 /EN 61000-4-5:2006 Surge, 2 kV L-L, 2 kV
L-G, Level 3, Criteria A
• IEC 61000-4-6:2008/EN 61000-4-6:2009 Conducted Immunity,
0.15-80 MHz, 10V/m unmod. RMS, Criteria A
• IEC/EN 61000-4-11:2004 Power Dips & Interruptions, >30%, 25
periods, Criteria C
Country Specific
• VCCI Class A (Japan Emissions)
• ACMA (C-Tick) (Australia Emissions)
• CCC Mark
• KCC Mark, EMC Approval (Korea)
Telecom Standards
• ETSI EN 300 386:2001 (EMC Telecommunications)
• ETSI EN 300 019 (Environmental for Telecommunications)
• CE 2.0 Compliant
IEEE 802.3 Media Access Standards
• IEEE 802.3ab 1000BASE-T
• IEEE 802.3z 1000BASE-X
• IEEE 802.3ae 10GBASE-X
• IEEE 802.3at PoE Plus
• IEEE 802.3az (EEE)
Fan and Acoustic Noise
Switch Model
Acoustic Information
X450-G2-24t-10GE4
Fixed AC PS with Front to Back (FB) Air Flow
Bystander Sound Pressure*
• 49.8 dB(A), 0°C to 39°C
• 64.9 dB(A), 50°C
Declared Sound Power (LWAd)**
• 6.1 bels, 0°C to 39°C
• 7.6 bels, 50°C
X450-G2-48t-10GE4
Fixed AC PS with Front to Back (FB) Air Flow
Bystander Sound Pressure*
• 49.9 dB(A), 0°C to 39°C
• 64.8 dB(A), 50°C
Bystander Sound Pressure*
• 49.9 dB(A), 0°C to 39°C
• 64.8 dB(A), 50°C
X450-G2-24p-10GE4
Dual 715W AC PS with Front to Back (FB) Air Flow
Bystander Sound Pressure*
• 51.1 dB(A), 0°C to 39°C
• 65.5 dB(A), 50°C
Declared Sound Power (LWAd)**
• 6.2 bels, 0°C to 39°C
• 7.7 bels, 50°C
Dual 715W AC PS with Front to Back (FB) Air Flow (with applied POE Load)
Bystander Sound Pressure*
• 50.1 dB(A), 0°C to 39°C
• 64.5 dB(A), 50°C
Declared Sound Power (LWAd)**
• 6.1 bels, 0°C to 39°C
• 7.6 bels, 50°C
X450-G2-48p-10GE4
Dual 1100W AC PS with Front to Back (FB) Air Flow
Bystander Sound Pressure*
• 50.8 dB(A), 0°C to 39°C
• 65.4 dB(A), 50°C
Declared Sound Power (LWAd)**
• 6.2 bels, 0°C to 39°C
• 7.6 bels, 50°C
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com