Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150CH2 Datasheet(PDF) 9 Page - Extreme Networks.

Part # STK-RPS-150CH2
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150CH2 Datasheet(HTML) 9 Page - Extreme Networks.

Back Button STK-RPS-150CH2 Datasheet HTML 4Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 5Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 6Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 7Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 8Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 9Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 10Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 11Page - Extreme Networks. STK-RPS-150CH2 Datasheet HTML 12Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Switch Model
Acoustic Information
Dual 1100W AC PS with Front to Back (FB) Air Flow (with applied POE Load)
Bystander Sound Pressure*
• 56.5 dB(A), 0°C to 39°C
• 66.8 dB(A), 50°C
Declared Sound Power (LWAd)**
• 6.8 bels, 0°C to 39°C
• 7.8 bels, 50°C
* Sound Pressure is presented for comparison per ISO 7779
** Declared Sound Power is presented in accordance with ISO-7779, ISO 9296 per ETSI/EN 300 753
www.extremenetworks.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com