Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 6 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 6 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 2Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 3Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Power
Switch Model
Minimum Heat Dissipation
(BTU/HR)
Minimum Power
Consumption (W)
Maximum Heat Dissipation
(BTU/HR)
Maximum Power
Consumption* (W)
X450-G2-24t-10GE4
149.4
43.8
244.6
71.1
X450-G2-48t-10GE4
178.1
52.2
290.0
85.0
X450-G2-24p-10GE4
214.3
62.8
604.7 (@720W PoE)
847.2
X450-G2-48p-10GE4
238.8
70.0
778 (@1440W PoE)
1668
X450-G2-24t-GE4
149.4
43.8
244.6
71.1
X450-G2-48t-GE4
178.1
52.2
290.0
85.0
X450-G2-24p-GE4
214.3
62.8
604.7 (@720W PoE)
847.2
X450-G2-48p-GE4
238.8
70.0
778 (@1440W PoE)
1668
* For PoE switches, the value includes maximum PoE load through the switch.
The Non-PoE Switches
Fixed Internal Power Supply
Voltage Input Range
100-240 VAC †
Line Frequency Range
47to 64 Hz
Power Supply Input Socket
IEC320 C14
Power Cord Input Plug
IEC 320 C13
Operating Temperature
0°C to 50°C Normal Operation
PoE Power Supply Units
(Only Front-to-Back Supplies Are Supported)
715W AC PSU (10951)
1100W AC PSU (10941)
Dimensions
Height: 40 mm (1.56 in)
Width: 82.5 mm (3.25 in)
Depth: 287 mm (11.3 in)
Height: 40 mm (1.56 in)
Width: 82.5 mm (3.25 in)
Depth: 287 mm (11.3 in)
Weight
1.16 kg (2.55 lb)
1.16 kg (2.55 lb)
Voltage Input Range
100-127/200-240 VAC1
100-127/200-240 VAC1
Line Frequency Range
47 to 63 Hz
47 to 63 Hz
Power Supply Input Socket
IEC 320 C16
IEC 320 C16
Power Cord Input Plug
IEC 320 C15
IEC 320 C15
Operating Temperature
0°C to 50°C Normal Operation
0°C to 50°C Normal Operation
1 The power supplies will continue to operate +/- 10% of the rated input to accommodate temporary loss of input voltage regulation.
www.extremenetworks.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com