Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 12 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 12 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 12Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Part Number
Name
Description
16169
X450-G2 Multimedia (AVB) Feature
Pack
ExtremeXOS Multimedia Service (Audio Video Bridging) Feature Pack for X450 series switches
16779
X450-G2 MACsec Feature Pack
MACsec Feature Pack for X450-G2 series switches. Enables MACsec when used with LRM/
MACsec Adapter (10965)
Accessories
Part Number
Name
Description
10941
1100WPoE AC PSU FB
1100W AC PoE Power Supply module for X460-G2 and X450-G2 series switches with Front-to-
Back airflow
10951
715WAC PSU FB
715W AC PoE Power Supply Module for X460-G2 and X450-G2 series switches with front to
back airflow
10945
X460/X450-G2 fan module FB
Fan Module for X460-G2/X450-G2 Series Switches - front to back airflow
16777
Four Piece Rack Mount Kit, Spare
Spare Four Piece Rack Mount Kit compatible with X450-G2
STK-RPS-150PS
150WNon-PoE RPS
150W non-PoE redundant power supply for A, B, C and X450-G2 switches
STK-RPS-150CH2
2-Slot Modular Shelf for 150W RPS
2 slot modular shelf for rack-mounting STK-RPS-150PS external redundant power supplies
horizontally
STK-RPS-150CH8
8-Slot Modular Shelf for 150W RPS
8 slot modular shelf for rack-mounting STK-RPS-150PS external redundant power supplies
vertically
10936
EPS-C2
External Power System Chassis 2. Accepts up to three
10939
EPS-CBL-2x7
External Power System Cable (1M) that connects EPS to any Summit X440 for providing
redundant DC power
10931
Summit 750W AC PSU
AC Power Supply module for EPS-C2 Chassis Redundant Power Supply
16777
Four Piece Rack Mount Kit, Spare
Spare Rack Mount Kit for X450-G2
10965
LRM/MACsec Adapter
LRM/MACsec Adapter, includes two host cables for host switch connection, and USB cable for
optional power connection. Requires MACsec license on host switch.
10966
5-Unit Rack Mount Kit
Optional rack mount bracket for LRM/MACsec Adapter. Holds five units in 1RU
Note: PoE Power Supplies and fan tray MUST be ordered separately. Only non-PoE switches ships with a fixed internal power supply.
ExtremeCloud IQ Pilot Licenses
Part Number
Name
Description
XIQ-PIL-S-C-EW
XIQ Pilot SAAS Subscription and EW
support (1 device)
ExtremeCloud IQ Pilot SaaS Subscription and EW SaaS support for one (1) device
XIQ-PIL-S-C-PWP
XIQ Pilot SAAS Subscription and
PWP support (1 device)
ExtremeCloud IQ Pilot SaaS Subscription and PWP SaaS support for one (1) device
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
7dec23
www.extremenetworks.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com