Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-150PS Datasheet(PDF) 7 Page - Extreme Networks.

Part # STK-RPS-150PS
Description  Scalable edge switch with ExtremeXOS® modular operating system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-150PS Datasheet(HTML) 7 Page - Extreme Networks.

Back Button STK-RPS-150PS Datasheet HTML 3Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-150PS Datasheet HTML 11Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PoE Power Budget
Switch Model
1 PSU of 715W
1 PSU of 1100W
2 PSUs of 715W
1 PSU of 715W and
1 PSU of 1100W
2 PSUs of 1100W
X450-G2-24p-10GE4
490W
720W
720W
720W
720W
X450-G2-48p-10GE4
490W
840W
1021W
1350W
1440W
X450-G2-24p-GE4
490W
720W
720W
720W
720W
X450-G2-48p-GE4
490W
840W
1021W
1350W
1440W
X450-G2-24p-10GE4
16 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
X450-G2-48p-10GE4
16 ports @ 30W
31 ports @ 15.4W
24 ports @ 30W
48 ports @ 15.4W
34 ports @ 30W
48 ports @ 15.4W
45 ports @ 30W
48 ports @ 15.4W
48 ports @ 30W
48 ports @ 15.4W
X450-G2-24p-GE4
16 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
24 ports @ 15.4W
X450-G2-48p-GE4
16 ports @ 30W
24 ports @ 15.4W
24 ports @ 30W
48 ports @ 15.4W
34 ports @ 30W
48 ports @ 15.4W
45 ports @ 30W
48 ports @ 15.4W
48 ports @ 30W
48 ports @ 15.4W
Specifications
Environmental Specifications
• EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
• EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
• EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational
• EN/ETSI 300 753 (1997-10) - Acoustic Noise
• ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
• EU RoHS: 2011/65/EU
• EU WEEE: 2012/19/EU
• China RoHS: SJ/T 11363-2006
• Taiwan RoHS: CNS 15663 (2013.7)
Operating Conditions
• Temp: 0°C to 50°C (32°F to 122°F)
• Humidity: 10% to 95% relative humidity, non-condensing
• Altitude: 0 to 5,000 meters (16,404 feet) – PoE switches
• Altitude: 0 to 2,000 meters (6,562 feet) – non-PoE switches
• Shock (half sine): 30 m/s2 (3 G), 11 ms, 18 shocks
• Random vibration: 3 to 500 Hz at 1.5 G rms
Packaging and Storing Specifications
• Temp: -40°C to 70°C (-40°F to 158°F)
• Humidity: 10% to 95% relative humidity, non-condensing
• Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
• Packaged Vibration: 5 to 62 Hz at velocity 5 mm/s, 62 to 500 Hz
at 0.2 G
• Packaged Random Vibration: 5 to 20 Hz at 1.0 ASD w/–3 dB/
oct. from 20 to 200 Hz
• Packaged Drop Height: 14 drops minimum on sides and
corners at 42 inches (<15 kg box)
Regulatory and Safety
North American ITE
• UL 60950-1 2nd Ed., Listed Device (U.S.)
• CSA 22.2 #60950-1-03 2nd Ed. (Canada)
• Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
• CDRH Letter of Approval (US FDA Approval)
European ITE
• EN 60950-1:2007 2nd Ed.
• EN 60825-1:2007/IEC 60825 2007 Class 1
• (Lasers Safety)
• TUV-R GS Mark by German Notified Body
• 2014/35/EU Low Voltage Directive
International ITE
• CB Report & Certificate per IEC 60950-1 2nd Ed. + National
Differences
• AS/NZX 60950-1 (Australia /New Zealand)
EMI/EMC Standards
North American EMC for ITE
• FCC CFR 47 part 15 Class A (USA)
• ICES-003 Class A (Canada)
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com