Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K_CSG8K Datasheet(PDF) 48 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 44Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 45Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 46Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 47Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 48Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 49Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 50Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 51Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 47
#
Special Timing
Programmed External
Response
Triggered Internal
Response
PE_i1
EXPOSURE time expires
during GLOB
Will corrupt next frame
Impossible situation:
EXPOSURE by construction
never finishes during
READOUT or GLOB
PE_s1
EXPOSURE time expires
during READOUT
Will stop READOUT and start
new GLOB
TI_s0
REQ_EXP before last
READOUT of sequence has
started
= PE_i0 or PE_s0
Extend sequence length
TI_s1
REQ_EXP after last
READOUT of sequence has
started
Will start new exposure
immediately, resulting in default
behavior or PE_s1
Will start new exposure (directly
or after delay, see Figure 48)
In summary:
●
Triggered Internal is the more forgiving mode. It adjusts the actual timing and
scheduling of events as needed to always yield complete and correct images.
●
Programmed External mode (and by extend also Full External mode) however directly
responds to external requests at the cost of possibly corrupting or interrupting images
but no missing higher priority exposures.
Control Mode 3: Streaming
Streaming mode is nothing else than Triggered Internal mode with an infinite sequence
length.
After starting the Streaming mode with a rising edge on REQ_EXP, it will keep on generating
a continuous stream of frames forever until stopped explicitly (via sensor reset or HALT
command; see section 7.2.8). As in Triggered Internal mode, the entire frame configuration is
done by register upload.
Next figure shows the state diagram of the Streaming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com