Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K_CSG8K Datasheet(PDF) 39 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 35Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 36Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 37Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 38Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 39Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 40Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 41Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 42Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 38
Information
Disabling shutter lag matching causes an image artefact when operating the sensor in
pipelined mode. This artefact shows up as one bright row in the output image. The location
of that row depends on when the pipelined exposure started.
Figure 35:
State Diagram: Sequential Operation, No Shutter Lag at Start
7.2.7
Sensor Control Modes
Figure 36:
Control Mode Register
Reg.Name
Bank
Addr
Bits
Def.
Description
CTRL_MODE
0
11
[2:0]
0
0: Full external
1: Programmed external
2: Triggered internal
3: Streaming
4: In-line streaming
The travel through the state diagrams of Figure 34 and Figure 35 can be externally controlled
with the sensor inputs REQ_EXP and REQ_FRAME and a bunch of register settings (which
will be detailed in further sections). This can be done in a number of different modes (each
varying slightly in behavior and level of dependency on I/O control versus register
configuration).
The control mode is set with the CTRL_MODE register, as listed in Figure 37.
EXPOSURE
GLOB
IDLE
RESET
READOUT
Actual
exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com