Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K_CSG8K Datasheet(PDF) 96 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 96 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 92Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 93Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 94Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 95Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 96Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 97Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 98Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 99Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 100Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 95
Figure 121:
State Diagram: In-Line Streaming Mode
In the figure, YSIZE_TOT is the total number of rows that are read in a frame (set with YWINi
and YWIN_ENA as described in section 7.5.3). Just like in normal streaming mode, the
exposure is pipelined (expose frame N+1 while frame N is being read). The start of exposure
is controlled with EXP_TIME_INL (and its relation to YSIZE_TOT). Like in other modes, the
shutter lag applies to both start and end of exposure by default. The resulting actual exposure
time is always a multiple of the row length.
In case shutter lag is not disabled, the actual exposure time is exactly EXP_TIME_INL * trow.
The valid range for the register is 1 ≤ EXP_TIME_INL ≤ YSIZE_TOT.
Attention
After a rising edge on REQ_EXP, the sensor goes directly to a GLOB state without first exposing.
This means that the first frame read out after the trigger will contain corrupted data.
Attention
After a rising edge on REQ_EXP, the sensor goes directly to a GLOB state without first exposing.
This means that the first frame read out after the trigger will contain corrupted data.
The entire operation in this mode runs at the rate of the row timing, with a frequency set by
ROW_LENGTH (see 7.5.2 for more details). The length of the GLOB state is extended to an
exact multiple of the row length by appending some idle time after the word generator
program has finished.
The figure below expands the state diagram into a timing diagram. The figure shows an
example with the readout of 4 valid rows, a GLOB length of 1.5*trow and EXP_TIME_INL set to
GLOB
IDLE
RESET
READOUT
(N)
EXPOSURE
(N+1)
rising (REQ_EXP)
after (RowLength * YSIZE_TOT)
after (ExpDelay) **
**
=> ExpDelay = RowLength *
(YSIZE_TOT
– EXP_TIME_INL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com