Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32MP253F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32MP253F Datasheet HTML 20Page - STMicroelectronics STM32MP253F Datasheet HTML 21Page - STMicroelectronics STM32MP253F Datasheet HTML 22Page - STMicroelectronics STM32MP253F Datasheet HTML 23Page - STMicroelectronics STM32MP253F Datasheet HTML 24Page - STMicroelectronics STM32MP253F Datasheet HTML 25Page - STMicroelectronics STM32MP253F Datasheet HTML 26Page - STMicroelectronics STM32MP253F Datasheet HTML 27Page - STMicroelectronics STM32MP253F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 241 page
background image
•
Two interrupt lines per processor
–
One for RX channel occupied (communication data posted by sending processor)
–
One for TX channel free (communication data retrieved by receiving processor)
•
Interrupt masking per channel
–
Channel occupied mask
–
Channel free mask
•
Two channel operation modes
–
Simplex (each channel has its own communication data memory location)
–
Half duplex (a single channel in associated to a bidirectional communication data information memory
location)
3.15
General-purpose input/outputs (GPIO)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain, with or without pull-up or
pull-down), as input (with or without pull-up or pull-down), or as peripheral alternate function. Some of the GPIO
pins are shared with digital or analog alternate functions. All GPIOs are high-current-capable and have speed
selection to better manage internal noise, power consumption and electromagnetic emission.
After reset, all GPIOs are in analog mode to reduce power consumption.
The I/O configuration can be locked if needed by following a specific sequence in order to avoid spurious writing
to the I/O registers.
Access to each GPIO configuration bits can be restricted to secure
‑only and/or privileged‑only. These
configuration bits can also be allocated to a specific CPU.
3.16
Bus-interconnect matrix
For more details on interconnect, see the reference manual (STM32MP23/25xx reference manual (RM0457)).
Figure 2. AXI STNoC multi-frequency network
STNoC multi-frequency network
600
MHz
600 MHz
400 MHz
300 MHz
200 MHz
400
MHz
200
MHz
DDRCTRL
MPU AHB / APB
peripherals
From MCU 200 MHz
MLAHB (conf)
To MCU 400 MHz
MLAHB (mem)
SYSRAM
PCIE (out)
STM
To MCU 200MHz MLAHB
(conf)
VDERAM
or SYSRAM extension
ETHSW
From MCU 200 MHz
MLAHB (conf)
FMC
AXI 64
AXI 64
AXI 128
AXI 128
Async
Async
AXI 64
AXI 64
AXI 64
AHB 32
AHB 32
AHB 32
AHB 32
AXI 64
AXI 64
AXI 64
AXI 64
AHB 32
AXI 64
AHB 32
AHB 32
AXI 64
AXI 64
AXI 64
M8
M14
M2
M3
M0
M10
M15
M16
M17
M18
M19
M20
M21
M22
M4
M5
M6
Mxx
M9
M11
M12
M13
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Sxx
Absent on some devices
Valid traffic path
Secure traffic access path
Non-secure traffic access path
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 24/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com