Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32MP253F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32MP253F Datasheet HTML 8Page - STMicroelectronics STM32MP253F Datasheet HTML 9Page - STMicroelectronics STM32MP253F Datasheet HTML 10Page - STMicroelectronics STM32MP253F Datasheet HTML 11Page - STMicroelectronics STM32MP253F Datasheet HTML 12Page - STMicroelectronics STM32MP253F Datasheet HTML 13Page - STMicroelectronics STM32MP253F Datasheet HTML 14Page - STMicroelectronics STM32MP253F Datasheet HTML 15Page - STMicroelectronics STM32MP253F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 241 page
background image
Figure 1. STM32MP25xC/F block diagram
@VDDCPU
128 bits
@VDDGPU
ISP
ETHSW (TSN)
MLAHB (200/16 MHz)
DDRPHYC
@VDDxx
@VDDA18
AON
@VSW
@VDDxx
@VDDxx
@VDDxx
@VDDA
@VDDA
@VDD_ANA/VDD_PLL
Trace port
@VDD_ANA/VDD/VSW
SYSRAM 256 KB
ADC1
ADC2
64 bits
32 bits
32 bits
AXI
AHB
APB
64bits
AXI master
Voltage regulators
Supply supervision
32 bits
AHB master
STM
RETRAM 128 KB
HSE (XTAL)
RCC
RNG
DCMI
(// camera)
CRC
HSEM
PWR
HASH
12b
12b
GPIOA
GPIOB
GPIOC
GPIOD
GPIOE
GPIOF
GPIOG
GPIOH
GPIOI
GPIOJ
GPIOK
SRAM1 128 KB
SRAM2 128 KB
HSI (64 MHz RC)
2
19
18
14
10
16
16
14
16
16
16
16
14
16
16
8
7
RTC
LSE (32 kHz XTAL)
TAMP / Backup registers
2
2
LTDC (LCD)
31
8
10
DDRCTRL
LPDDR4 DDR3L DDR4
FMC
40
78
GPIOZ
10
24b
Device supplies
16b
14b
Debug timestamp
generator TSGEN
EXTI1
176
16ext
SYSCFG
LPTIM3
16b
4
LPTIM4
16b
4
LPTIM5
16b
3
UART7
4
UART8
4
SPI4
5
SPI5
5
USART6
5
Smartcard
IrDA
SPI1 / I2S1
6
WWDG1
MDF1
18
8ch
BOOT
pins
GIC
CNT (timer)
PTM
Cortex-A35 CPU
1.5 GHz + MMU
+ FPU + NEON
32 KB I$
32 KB D$
ETH1 GMAC (TSN)
SYSTICK
NVIC
Cortex-M33 CPU
400 MHz + MPU
+ FPU
IPCC1
Cortex-A35 CPU
1.5 GHz + MMU
+ FPU + NEON
32 KB I$
32 KB D$
4
6
CSI
USB3DR
(USB2.0/3.0 Dual Role Data)
7
PCIE
18
ETH2 GMAC (TSN)
USBH (Host)
(USB2.0 OHCI/EHCI)
4
3
2
PLL
18
16
DCMIPP
OCTOSPI1
13
8b
OCTOSPI2
13
8b
19
LPSRAM1 8 KB
LPSRAM2 8 KB
LPSRAM3 16 KB
ADC3
12b
14
PSSI
(// I/O)
16b
PKA
RAMCFG
BKPSRAM 8 KB
4
HDP
8b
8
SERC
DTS (temp sensor)
OTP fuses
BSEC
VREFBUF
1
IWDG2
IWDG3
IWDG4
FDCAN1 (TT)
FDCAN3
2
2
CANSRAM (10 KB)
CCU
TIM20 / PWM 16b
10
UART9
4
SPI6
5
SAI4
13
SAI1
13
SAI2
8
SAI3
8
USART1
5
Smartcard
IrDA
TIM1 / PWM
TIM8 / PWM
10
10
16b
16b
TIM15
4
16b
TIM16
16b
TIM17
16b
3
3
SPI7
5
FDCAN2
2
Resource isolation
framework (RIF)
LPDMA1 (4 streams)
128 bits
DAP
(JTAG / SWD)
10
DSI
10
LVDS
10
PLL2
SDMMC3
SDMMC1
SDMMC2
4b
8b
4b
LPUART1
4
IWDG5
WWDG2
SPI8
5
I3C4
2
IPCC2
IWDG1
17
16b
ADF1
2
1ch
EXTI2
176
16ext
MSI (4/16 MHz RC)
FIFO
FIFO
Filter
Filter
Filter
Filter
FIFO
FIFO
FIFO
FIFO
FIFO
Filter
Filter
Filter
D-Fetch
S-Bus
I-Slow
I-Fast
PLL4/5/6/7/8
HPDMA1
16 streams
HPDMA2
16 streams
HPDMA3
16 streams
2
UCPD1 (USB Type-C)
PLL1
4
6
@VDDIO1
@VDDIO2
@VDDIO3
@VDDIO4
2
2
SYSTICK
NVIC
STGEN
(system timer
generator)
STGENC
STGENR
APB1 (200 MHz)
LSI (32 kHz RC)
GPU + NPU
900 MHz
PLL3
DDRPERFM
RI
RI
RI
RI
RI
RI
RI
RI
RI
RI
COMBOPHY
I2C8 / SMBUS
3
or
4b
6
or
@VDDIO3
@VDDIO2
OCTOSPIM
8
8
Option - not present in
all devices
RI
VDERAM 128 KB
VENC 600 MHz
VDEC 600 MHz
2
M0P SWD
@VD3
Cortex-M0+ CPU
200/16 MHz
CA35SS
RI
RI
RI
RI
16KB I$
16KB D$
DDR
MCE
CRYP1
SAES
CRYP2
Shared keys
OTFDEC1
OTFDEC2
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 12/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com