Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32MP253F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32MP253F Datasheet HTML 12Page - STMicroelectronics STM32MP253F Datasheet HTML 13Page - STMicroelectronics STM32MP253F Datasheet HTML 14Page - STMicroelectronics STM32MP253F Datasheet HTML 15Page - STMicroelectronics STM32MP253F Datasheet HTML 16Page - STMicroelectronics STM32MP253F Datasheet HTML 17Page - STMicroelectronics STM32MP253F Datasheet HTML 18Page - STMicroelectronics STM32MP253F Datasheet HTML 19Page - STMicroelectronics STM32MP253F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 241 page
background image
•
DDR3L, 16- or 32-bit data, up to 2 Gbytes, up to DDR3L-2133 (1066 MHz clock)
•
DDR4, 16- or 32-bit data, up to 4 Gbytes, up to DDR4-2400 (1200 MHz clock)
•
LPDDR4, 16- or 32-bit data, up to 4 Gbytes, up to LPDDR4-2400 (1200 MHz clock)
3.6.2
Embedded SRAM
All devices feature:
•
SYSRAM in MPU domain: 256 Kbytes with half/full hardware erase mechanism on reset
•
VDERAM in MPU domain: 128 Kbytes (not usable when either VDEC or VENC is used) with hardware
erase mechanism on enable as general purpose RAM
•
SRAM1 in MCU domain: 128 Kbytes with hardware erase mechanism on tamper detection
•
SRAM2 in MCU domain: 128 Kbytes
•
LPSRAM1 in SmartRun domain: 8 Kbytes with hardware erase mechanism on reset
The content of this area can be retained in Standby or VBAT mode, and can be protected by the CRC
mechanism.
•
LPSRAM2 in SmartRun domain: 8 Kbytes with hardware erase mechanism on reset
•
LPSRAM3 in SmartRun domain: 16 Kbytes
•
RETRAM (retention RAM): 128 Kbytes with hardware erase mechanism on reset
The content of this area can be retained in Standby or VBAT mode, and can be protected by ECC and CRC
mechanisms.
•
BKPSRAM (backup SRAM): 8 Kbytes with hardware erase mechanism on tamper detection
The content of this area can be protected against possible unwanted accesses, and can be retained in
Standby or VBAT mode. The content can also be protected by ECC mechanism.
3.7
DDR3L/DDR4/LPDDR4 controller (DDRCTRL)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
DDRCTRL combined with DDRPHYC provides a complete 16 /32-bit memory interface solution for DDR memory
subsystem.
•
JEDEC compliant LPDDR4 SDRAM up to 2400 MT/s
•
JEDEC compliant DDR4 SDRAM up to 2400 MT/s with DLL on-range
•
JEDEC compliant DDR3L SDRAM up to 2133 MT/s with DLL on-range
•
2 x 128-bit AXI4 ports
–
up to 16 QoS levels and up to 3 traffic classes are supported per direction.
–
CID-based firewalling function with poisoning output signaling
–
1 port provided with AES- 128 encryption/decryption with programmable memory range (DDRMCE)
Low-power features:
•
Linked with the RCC, ability to move the DDR memory subsystem in self refresh through automatic way,
hardware way, or software way (ASR, HSR and SSR).
3.8
Boot modes
At startup, the boot source used by the internal boot ROM is selected by BOOT pins and OTP settings.
Table 4. Default interfaces
Unless otherwise mentioned in table below.
Boot source
When used by Cortex-A35
When used by Cortex-M33
SD-Card
SDMMC1
e•MMC
SDMMC2
Serial NOR, HyperFlash and serial NAND
OCTOSPIM port1
OCTOSPIM port2
SLC NAND
FMC
USB
USB3DR (high-speed only)
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 16/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com