Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253F Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32MP253F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253F Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32MP253F Datasheet HTML 103Page - STMicroelectronics STM32MP253F Datasheet HTML 104Page - STMicroelectronics STM32MP253F Datasheet HTML 105Page - STMicroelectronics STM32MP253F Datasheet HTML 106Page - STMicroelectronics STM32MP253F Datasheet HTML 107Page - STMicroelectronics STM32MP253F Datasheet HTML 108Page - STMicroelectronics STM32MP253F Datasheet HTML 109Page - STMicroelectronics STM32MP253F Datasheet HTML 110Page - STMicroelectronics STM32MP253F Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 241 page
background image
Symbol
Parameter
Operating
conditions
Min
Max
Unit
tVBAT
VBAT transitions
Rise time rate
µs/V
20
∞
Fall time rate
10
1500
6.3.3
Embedded reset and power control block characteristics
The parameters given in Table 19 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 17. General operating conditions.
Table 19. Embedded reset and power control block characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO
Reset temporization
After POR released
-
440
-
μs
VDDA18AON thresholds
VPOR_ANA(1)
Power
‑on reset threshold
Rising edge
1.62
1.67
1.71
V
VPDR_ANA(1)
Power
‑down reset threshold
Falling edge
1.58
1.63
1.67
Vhyst_POR_ANA
Hysteresis voltage of POR/PDR
-
-
40
-
mV
IPOR_PDR(VDDA18AON)
Supply current on VDDA18AON
Always ON
-
1.25
-
μA
VDD thresholds
VPOR(1)
Power
‑on reset threshold
Rising edge
1.62
1.67
1.71
V
VPDR(1)
Power
‑down reset threshold
Falling edge
1.58
1.63
1.67
Vhyst_POR
Hysteresis voltage of POR/PDR
-
-
40
-
mV
IPOR_PDR(VDDA18AON)
Supply current on VDDA18AON
Always ON
-
0.75
-
μA
IPOR_PDR(VDD)
Supply current on VDD
Always ON
VDD = 1.8 V
-
0.5
-
μA
VDD = 3.3 V
-
0.92
-
VBOR0(1)
Brown-out reset threshold 0
Rising edge
1.62
1.67
1.71
V
Falling edge
1.58
1.63
1.67
VBOR1(1)
Brown-out reset threshold 1
Falling edge
-
-
2.97
V
Vhyst_BOR0
Hysteresis voltage of BOR0
-
-
40
-
mV
Vhyst_BOR1
Hysteresis voltage of BOR1
-
-
80
-
mV
IBOR(VDDA18AON)
Supply current on VDDA18AON
BOR enabled in OTP
-
0.75
-
μA
VDDCPU thresholds
VRDY_VDDCPU(1)
Threshold on rising edge
Normal modes
0.63
0.66
0.69
V
LPLV modes
0.55
0.58
0.61
Vhyst_VDDCPU
Hysteresis on falling edge
-
-
23
-
mV
Tdelay_VDDCPU
Delay after detection
Rising edge
180
400
750
μs
Falling edge
-
0
-
IRDY_VDDCPU(VDDA18AON)
Supply current on VDDA18AON
Always ON
-
1.2
-
μA
VDDCORE thresholds
VRDY_VDDCORE(1)
Threshold on rising edge
Normal modes
0.63
0.66
0.69
V
LPLV modes
0.55
0.58
0.61
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 107/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com