Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS73233DBVR Datasheet HTML 19Page - Texas Instruments TPS73233DBVR Datasheet HTML 20Page - Texas Instruments TPS73233DBVR Datasheet HTML 21Page - Texas Instruments TPS73233DBVR Datasheet HTML 22Page - Texas Instruments TPS73233DBVR Datasheet HTML 23Page - Texas Instruments TPS73233DBVR Datasheet HTML 24Page - Texas Instruments TPS73233DBVR Datasheet HTML 25Page - Texas Instruments TPS73233DBVR Datasheet HTML 26Page - Texas Instruments TPS73233DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
7.2.3 Application Curves (continued)
10 ms/div
100 mV/div
100 mV/div
V
OUT
V
OUT
I
OUT
250 mA
10 mA
C
OUT
= 0 mF
C
FB
= 10 nF
R
1
= 39.2 kW
C
OUT
= 10 mF
Legacy silicon
Figure 7-9. TPS73201 Load Transient, Adjustable Version
New silicon, M3 suffix
Figure 7-10. TPS73201 Load Transient, Adjustable Version
7.3 Power Supply Recommendations
This device is designed to operate from an input voltage supply range between 1.7V and 5.5V. The input voltage
range provides adequate headroom for the device to have a regulated output. Make sure this input supply is
well regulated. If the input supply is noisy, additional input capacitors with low ESR help improve output noise
performance.
7.4 Layout
7.4.1 Layout Guidelines
To improve AC performance such as PSRR, output noise, and transient response, design the PCB with ground
plane connections for VIN and VOUT capacitors, and connect the ground plane at the GND pin of the device. In
addition, the ground connection for the bypass capacitor should connect directly to the GND pin of the device.
7.4.1.1 Thermal Considerations
Thermal protection disables the output when the junction temperature rises to approximately 160°C, allowing
the device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit potentially cycles on and off. This cycling limits the dissipation of the regulator, protecting the regulator
from damage caused by overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, limit junction temperature to 125°C maximum. To estimate the margin of safety
in a complete design (including heat sink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions. For good reliability, thermal protection triggers at least
35°C above the maximum expected ambient condition of the application. This level produces a worst-case
junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TPS732 is designed to protect against overload conditions. This circuitry is
not intended to replace proper heat sinking. Continuously running the TPS732 into thermal shutdown degrades
device reliability.
www.ti.com
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com