Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS73233DBVR Datasheet HTML 15Page - Texas Instruments TPS73233DBVR Datasheet HTML 16Page - Texas Instruments TPS73233DBVR Datasheet HTML 17Page - Texas Instruments TPS73233DBVR Datasheet HTML 18Page - Texas Instruments TPS73233DBVR Datasheet HTML 19Page - Texas Instruments TPS73233DBVR Datasheet HTML 20Page - Texas Instruments TPS73233DBVR Datasheet HTML 21Page - Texas Instruments TPS73233DBVR Datasheet HTML 22Page - Texas Instruments TPS73233DBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
6.3.5 Reverse Current
The NMOS pass transistor of the TPS732 provides inherent protection against current flow from the output of the
regulator to the input when the gate of the pass transistor is pulled low. To make sure all charge is removed from
the gate of the pass transistor, drive the EN pin low before the input voltage is removed. If this process is not
done, the pass transistor is potentially left on because of stored charge on the transistor.
After the EN pin is driven low, no bias voltage is needed on any pin for reverse current blocking. Reverse current
is specified as the current flowing out of the IN pin resulting from the voltage applied on the OUT pin. Additional
current flows into the OUT pin from the 80kΩ internal resistor divider to ground (see Figure 6-1 and Figure 6-2 ).
For the TPS73201, reverse current potentially flows when VFB is more than 1V above VIN.
6.4 Device Functional Modes
6.4.1 Normal Operation With 1.7V ≤ VIN ≤ 5.5V and VEN ≥ 1.7V
The TPS732 requires an input voltage of at least 1.7V to function properly and attempt to maintain regulation.
When operating the device near 5.5V, suppress any transient spikes that exceed the 6V absolute maximum
voltage rating. Never operate the device at a DC voltage greater than 5.5V.
www.ti.com
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com