Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73233DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73233DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73233DBVR Datasheet HTML 2Page - Texas Instruments TPS73233DBVR Datasheet HTML 3Page - Texas Instruments TPS73233DBVR Datasheet HTML 4Page - Texas Instruments TPS73233DBVR Datasheet HTML 5Page - Texas Instruments TPS73233DBVR Datasheet HTML 6Page - Texas Instruments TPS73233DBVR Datasheet HTML 7Page - Texas Instruments TPS73233DBVR Datasheet HTML 8Page - Texas Instruments TPS73233DBVR Datasheet HTML 9Page - Texas Instruments TPS73233DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
5.6 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5V (1) , IOUT = 10mA, VEN = 1.7V , and COUT =
0.1μF , unless otherwise noted. Typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
1.7
5.5
V
VFB
Internal
reference (TPS73201)
TJ = 25°C
1.198
1.204
1.210
V
VOUT
Output voltage range
(TPS73201)(2)
VFB
5.5 -
VDO
V
Accuracy(1) (3)
Nominal
TJ = 25°C
–0.5
0.5
%
VIN, IOUT, and T
VOUT + 0.5V ≤ VIN ≤
5.5V; 10mA ≤ IOUT ≤ 250mA
–1
±0.5
1
ΔVOUT(ΔVIN)
Line regulation (1)
VOUT(NOM) + 0.5V ≤ VIN ≤ 5.5V
0.01
%/V
ΔVOUT(ΔIOUT)
Load regulation
1mA ≤ IOUT ≤ 250mA
0.002
%/mA
10mA ≤ IOUT ≤ 250mA
0.0005
VDO
Dropout voltage(4) (VIN =
VOUT(NOM) - 0.1V)
IOUT = 250mA
40
150
mV
ZO(do)
Output impedance in dropout 1.7V ≤ VIN ≤ VOUT + VDO
0.25
Ω
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
250
425
600
mA
ISC
Short-circuit current
VOUT = 0V
300
mA
IREV
Reverse leakage current(5) (-
IIN)
VEN ≤ 0.5V, 0V ≤ VIN ≤ VOUT
0.1
10
µA
IGND
Ground pin current
IOUT = 10mA (IQ), legacy silicon
400
550
µA
IOUT = 10mA (IQ), new silicon, M3 suffix
400
630
IGND
Ground pin current
IOUT = 250mA
650
950
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5V, VOUT ≤ VIN ≤ 5.5V, –40°C ≤ TJ ≤ 100℃, legacy
silicon
0.02
1
µA
VEN ≤ 0.5V, VOUT ≤ VIN ≤ 5.5V, new silicon, M3 suffix
0.02
1
IFB
Feedback pin current
(TPS73201)
0.1
0.3
µA
PSRR
Power-supply rejection ratio
(ripple rejection)
f = 100Hz, IOUT = 250mA
58
dB
f = 10kHz, IOUT = 250mA
37
VN
Output noise voltage, BW =
10Hz to 100kHz
COUT = 10µF, no CNR
27 x
VOUT
µVRMS
COUT = 10µF, CNR =0.01µF
8.5 x
VOUT
VEN(high)
EN pin high (enabled)
1.7
VIN
V
VEN(low)
EN pin low (shutdown)
0
0.5
V
IEN(high)
Enable pin current (enabled)
VEN = 5.5V
0.02
0.1
µA
TSD
Thermal shutdown
temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140
TJ
Operating junction
temperature
–40
125
℃
(1)
Minimum VIN = VOUT + VDO or 1.7V, whichever is greater.
(2)
TPS73201 is tested at VOUT = 2.5V.
(3)
Tolerance of external resistors not included in this specification.
(4)
VDO is not measured for output versions with VOUT(nom) < 1.8V, because minimum VIN = 1.7V.
(5)
Fixed-voltage versions only; refer to Application Information section for more information.
5.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Start-up time
VOUT = 3V, RL = 30Ω, COUT = 1µF, CNR = 0.01µF
600
µs
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com