Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTAC Datasheet(PDF) 12 Page - Neutrik AG

Part # HTAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTAC Datasheet(HTML) 12 Page - Neutrik AG

Back Button HTAC Datasheet HTML 8Page - Neutrik AG HTAC Datasheet HTML 9Page - Neutrik AG HTAC Datasheet HTML 10Page - Neutrik AG HTAC Datasheet HTML 11Page - Neutrik AG HTAC Datasheet HTML 12Page - Neutrik AG HTAC Datasheet HTML 13Page - Neutrik AG HTAC Datasheet HTML 14Page - Neutrik AG HTAC Datasheet HTML 15Page - Neutrik AG HTAC Datasheet HTML 16Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
setting standards
12
NP3F-H
NP3M-V
NSC3F
NR3M-S
NR3F-S
NSC3F(M)
NR3F(M)-S
NP3F(M)-H
M 1:1
nanoCON
nanoCON
nanoCON
nanoCON – 3 Pole Subminiatur e Connectors
• World's smallest circular lockable multipole connector
• Robust metal housing with gold plated contacts
• Male and female receptacles for vertical or horizontal PCB
mount or solder termination
• Cable connector and receptacle with interchangeable male
and female inserts
• Reliable and versatile in applications like medical equipment,
control systems, sensors or audio applications such as
miniature and wireless microphones and portable mixers
• Pre-mating contact 1
Connector locking
PCB receptacle
Panel mount receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com