Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTAC Datasheet(PDF) 11 Page - Neutrik AG

Part # HTAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTAC Datasheet(HTML) 11 Page - Neutrik AG

Back Button HTAC Datasheet HTML 7Page - Neutrik AG HTAC Datasheet HTML 8Page - Neutrik AG HTAC Datasheet HTML 9Page - Neutrik AG HTAC Datasheet HTML 10Page - Neutrik AG HTAC Datasheet HTML 11Page - Neutrik AG HTAC Datasheet HTML 12Page - Neutrik AG HTAC Datasheet HTML 13Page - Neutrik AG HTAC Datasheet HTML 14Page - Neutrik AG HTAC Datasheet HTML 15Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.neutrik.com
11
powerCON
T echnical
Data
powerCON
Specification
powerCON
powerCON
32 A powerCON
TRUE1 TOP
Series
Series
Electrical
Mechanical
Material
Housing cable connector
PA 6.6 30% GR
PA 6 30% GR
PA 6 30% GR
Housing receptacle
PA 6.6 30% GR
PA 6.66 25% GR
PA 6.6 25% GR
Insert
PA 6.6 30% GR
PA 6 30% GR
PA 6.6 25% GR
Contacts
Female:
CuSn0.2
CuZn39Pb3
CuZn39Pb3
Male:
CuNi1Si0.2
CuNi1Si0.2
CuSn0.2
Contact surface
2 µm Ag plated
4 µm / 2 µm Ag plated
4 µm Ag
Chuck
POM
Envir onmental
Flammability
UL 94 HB
-
plug housing
UL 94 V-0
*
*
Temperature range:
-30 °C to +80 °C
70 °C
Protection class (mated)
IP 65
IP 20
IP 2X unmated
Safety Requirements
EN / IEC61984
-
IEC 60320
-
-
Solderability complies with
IEC 68-2-20
-
1) : Appliance coupler acc. IEC 60320 limited to 16 A ac
2) : Cable O.D. range limited to 6 - 14 mm / acc. VDE
* : Receptacle
FASTON® is a trademark of AMP Inc.
Number of contacts
2 + PE
Rated current per contact
20 A rms 1)
20 A rms
32 A rms
Rated voltage
250 V ac
Dielectric strength
4 kV dc / 2.8 kV ac
Contact resistance
≤ 3 mΩ
Insulation resistance after
> 0.1 G
Ω
damp heat test (IEC 68-2-30)
Retention method
Quick lock
Cable O.D. range
6 – 12 mm
6 – 15 mm 2)
8 – 20 mm
Wiring
Cable: screw type terminals
1.0 - 2.5 mm2 / AWG 12
2.5 mm2 / AWG 14
2.5 –6 mm2 / AWG 14-10
or soldering
Chassis:
flat tabs for FASTON® (4.8 x 0.5 mm)
-
-
(6.35 mm x 0.8 mm)
-
-
or soldering
screw type terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com