Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTAC Datasheet(PDF) 9 Page - Neutrik AG

Part # HTAC
Description  Circular Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

HTAC Datasheet(HTML) 9 Page - Neutrik AG

Back Button HTAC Datasheet HTML 5Page - Neutrik AG HTAC Datasheet HTML 6Page - Neutrik AG HTAC Datasheet HTML 7Page - Neutrik AG HTAC Datasheet HTML 8Page - Neutrik AG HTAC Datasheet HTML 9Page - Neutrik AG HTAC Datasheet HTML 10Page - Neutrik AG HTAC Datasheet HTML 11Page - Neutrik AG HTAC Datasheet HTML 12Page - Neutrik AG HTAC Datasheet HTML 13Page - Neutrik AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.neutrik.com
9
NAC3MPA-1
NAC3MPB-1
NAC3FCA
NAC3FCB
powerCON
powerCON
Combination & Keyways:
With the two non-interchangeable types of connectors (A type and B type) it is impossible to produce a short circuit. Mating
connectors (combination) are identified by mechanical keyways and by color.
ATTENTION
The technical data of the powerCON connectors refer to connectors without breaking capacity, meaning
connecting devices not to be engaged and disengaged in normal use when live or under load.
Or dering Information
NAC3FCA
Cable connector, quick lock with securing lever, A-type for power inlet, screw terminals
NAC3MPA-1
Air tight chassis connector, A-type for power inlet, flat tab terminals, blue
NAC3MPA-1-WOT Chassis connector, power-out, 3/16'' flat tab terminals, blue, without insulation divider
NAC3FCB
Cable connector, quick lock with securing lever, B-type for power outlet, screw terminals
NAC3MPB-1
Air tight chassis connector, B-type for power outlet, flat tab terminals, grey
NAC3MPB-1-WOT Chassis connector, power-out, 3/16'' flat tab terminals, grey, without insulation divider
NAC3MM-1
Coupler for linking cables (couples NAC3FCA to NAC3FCB)
Accessories
HTFAC
Hand tool to tighten the powerCON bushing
NDL
dummyPLUG for powerCON 20 A chassis connector
NLFASTON
FASTON® receptacle for tabs with "positive lock" for use with NL4MP, NL4MPR, NL8MPR, Pack of 100 pcs.
SCL
Plastic sealing cover to protect the connectors against dust and moisture
SCDR
Rear end protection cover for D-size chassis connector
SCDX
Hinged cover seals D-size chassis connectors, IP 42 rated
SCCD-W
Spring-loaded cover to seals D-size chassis connectors, IP65 rated
SCD-W
D-Size sealing cap, IP65 rated
SCDP-*
D-Size sealing gaskets, colour coding (*: 0- black, 2- red, 4- yellow, 5- green, 6- blue, 9- white)
HTFAC
NDL
NLFASTON
SCL
SCDR Example: NAC3MPA-1 + SCDR
SCDX
SCCD-W
SCDP-*
POWER IN
POWER OUT
Connector Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com