Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6204 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH AS6204 Datasheet HTML 28Page - OSRAM GmbH AS6204 Datasheet HTML 29Page - OSRAM GmbH AS6204 Datasheet HTML 30Page - OSRAM GmbH AS6204 Datasheet HTML 31Page - OSRAM GmbH AS6204 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 27
Stop Data Transfer
A transition of the SDA input from low to high level while the SCL signal is kept at high-level results in
a STOP condition. Any data transfer is finished by generating a STOP or START condition.
Data Transfer
The master device defines the number of data bytes between a START and STOP condition and there
is no limitation of transmitted data.
If it is desired to read only a single MSB byte without the LSB byte, a termination of the data transfer
can be provoked by issuing a START or STOP condition on the bus.
Acknowledge
It is mandatory for each slave device to respond with acknowledge if the device is addressed by the
master. Acknowledge is indicated by pulling down the data line (SDA) while the clock signal (SCL) is
high in the acknowledge clock phase. In order to avoid an unwanted START or STOP condition on the
bus, setup and hold times must be met.
The master can signal an end of data transmission by transmitting a Not-Acknowledge on the last
transmitted data byte by keeping the acknowledge bit at high level.
6.3.14
Timing Characteristics
Figure 29:
Serial Interface Timing Diagram
SCL
SDA
STOP
START
START
STOP
tBUF
tHDSTA
tLOW
tRISE
tHIGH
tFALL
tSUSTA
tSUDAT
tHDDAT
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com