Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6204 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 21Page - OSRAM GmbH AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH AS6204 Datasheet HTML 24Page - OSRAM GmbH AS6204 Datasheet HTML 25Page - OSRAM GmbH AS6204 Datasheet HTML 26Page - OSRAM GmbH AS6204 Datasheet HTML 27Page - OSRAM GmbH AS6204 Datasheet HTML 28Page - OSRAM GmbH AS6204 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 24
6.3.4
Read/Write Operation
In order to access an internal data register, the index register must be written in advance. This register
contains the actual register address and selects the appropriate register for an access. A typical
transfer consists of the transmission of the slave address with a write operation indication, followed by
the transmission of the register address and is finalized with the actual register content data transfer.
This implies that every write operation to the temperature sensor device requires a value for the index
register prior to the transmission of the actual register data.
The index register defines the register address for both the write and read operation. Consequently, if
a read operation is executed, the register address is taken from the index register, which was defined
from the last write operation.
If a different register needs to be read, the index register has to be written in advance to define the
new register address. This is accomplished by transmitting the slave address with a low R/W bit,
followed by the new content of the index register. Subsequently, the master provokes a START
condition on the bus and transmits the slave address with a high R/W bit in order to initiate a read
operation.
Since the index register always keeps its last value, reads can be executed repetitively on the same
register.
Similarly, to the byte transfer where the MSB is transmitted first, a two-byte transfer executes the
transfer of a 16-bit word whereas the MSB byte is always transmitted first.
6.3.5
Slave Operation
The device employs a slave functionality only (slave transmitter and slave receiver) and cannot
operate as a bus master. Consequently, the device never actively drives the SCL line.
6.3.6
Slave Receiver Mode
The master device invokes any transmission by transmitting the slave address with a low R/W bit.
Subsequently, the slave device acknowledges the reception of the valid address by pulling the ninth
bit to a low level. Following to acknowledge, the master transmits the content of the index register. The
slave device again acknowledges this transfer. The next data byte(s) are written to the actual data
register, which is selected by the index register while each transfer is acknowledged upon a completed
transfer by the slave device. A data transfer can be finished if the master transmits a START or a
STOP condition on the bus.
6.3.7
Slave Transmitter
The master transmits the slave address with a high R/W bit. In turn, the slave acknowledges a valid
slave address. Subsequently, the slave transmits the MSB byte of the actual selected data register by
the index register. After the MSB byte transmission, acknowledge is sent by the master. Afterwards,
the LSB byte is transmitted by the slave which is also acknowledged by the master after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com