Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6204 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 15Page - OSRAM GmbH AS6204 Datasheet HTML 16Page - OSRAM GmbH AS6204 Datasheet HTML 17Page - OSRAM GmbH AS6204 Datasheet HTML 18Page - OSRAM GmbH AS6204 Datasheet HTML 19Page - OSRAM GmbH AS6204 Datasheet HTML 20Page - OSRAM GmbH AS6204 Datasheet HTML 21Page - OSRAM GmbH AS6204 Datasheet HTML 22Page - OSRAM GmbH AS6204 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Document Feedback
AS6204
Register Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 18
6.2.9
High and Low Limit Registers
If the comparator mode is configured (IM=0), the ALERT output becomes active if the temperature
equals or exceeds the defined value in register THIGH for the configured number of consecutive faults
(N). This configuration is defined by the field CF in the configuration register. The ALERT output
remains assigned until the converted temperature value equals or falls below the defined value in
register TLOW for the same number of consecutive fault cycles.
If the interrupt mode is configured (IM=1), the ALERT output becomes active if the temperature equals
or exceeds the defined value in register THIGH for the configured number of consecutive fault cycles.
It remains active until a read operation is executed on any register. The ALERT output is also cleared
if the device is set into sleep mode by setting bit SM in the configuration register.
Once the ALERT output is cleared, it is activated again only if the temperature value falls below the
configured value in register TLOW. It remains active unless a read operation has taken place.
This sequence is repeated unless the device is set into the comparator mode or reset by the General
Call Reset command. This reset command clears the interrupt mode bit and consequently puts the
device into the comparator mode.
The sequential behavior is summarized in the following Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com