Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4008EC-25L/IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5C4008EC-25L/IT
Description  512K x 8 SRAM SRAM MEMORY ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008EC-25L/IT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5C4008EC-25L/IT Datasheet HTML 1Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SRAM
AS5C4008
Austin Semiconductor, Inc.
AS5C4008
Rev. 5.5 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(-55oC<T
A<125
oC or -40oC to +85oC; Vcc = 5V +10%)

          
 
  








  








    








   !  "


    # $%&


 
  )    "%&




**






' (' 
   

**





   # $%&


 
 )    "%&




**






' (' 
 
+,  








   - + 


(





 .  - + 


(





 / 







   !  - + 







+, 0 + 

(





) / 

1





)   







+  )   # $%&


 
+     "%&




**






' (' 
 
 










Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com