Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4008EC-25L/IT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS5C4008EC-25L/IT
Description  512K x 8 SRAM SRAM MEMORY ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008EC-25L/IT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS5C4008EC-25L/IT Datasheet HTML 2Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 3Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 4Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 5Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 6Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 7Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 8Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 9Page - Austin Semiconductor AS5C4008EC-25L/IT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SRAM
AS5C4008
Austin Semiconductor, Inc.
AS5C4008
Rev. 5.5 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
READ CYCLE NO. 1 8, 9
(Write Enabled Controlled)
READ CYCLE NO. 2 7, 8, 10
(Write Enabled Controlled)
LOW V
CC DATA RETENTION WAVEFORM
tR
tCDR
DATA RETENTION MODE
DATA RETENTION MODE
VDR
VDR
Vcc
CE\
4.5V
4.5V
>2V
V
IH
V
IL
t
CDR
t
R
tPD
tPU
tHZCE
tACE
tLZCE
tHZOE
tLZOE
tAOE
tRC
tRC
DATA VALID
CE\
OE\
DQ
Icc
t
RC
t
AOE
t
LZOE
t
LZCE
t
ACE
t
PU
t
PD
t
HZCE
t
HZOE
tAA
tOH
tRC
tRC
PREVIOUS DATA VALID
VALID
DATA VALID
ADDRESS
DQ
t
RC
t
AA
t
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com