Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L320ML11PI Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # L320ML11PI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML11PI Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button L320ML11PI Datasheet HTML 3Page - Advanced Micro Devices L320ML11PI Datasheet HTML 4Page - Advanced Micro Devices L320ML11PI Datasheet HTML 5Page - Advanced Micro Devices L320ML11PI Datasheet HTML 6Page - Advanced Micro Devices L320ML11PI Datasheet HTML 7Page - Advanced Micro Devices L320ML11PI Datasheet HTML 8Page - Advanced Micro Devices L320ML11PI Datasheet HTML 9Page - Advanced Micro Devices L320ML11PI Datasheet HTML 10Page - Advanced Micro Devices L320ML11PI Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
5
D A TA
SH EET
PRODUCT SELECTOR GUIDE
Note:
1. See AC Characteristics for full specifications.
2. For the Am29LV320MH/L device, the last numeric digit in the speed option (e.g. 90R, 101, 112, 120) is used for internal purposes
only. Please use OPNs as listed when placing orders.
BLOCK DIAGRAM
Part Number
Am29LV320MH/L
Speed Option
VCC =
3.0–3.6 V
90R
(VIO =
3.0–3.6 V)
101R
(VIO =
2.7–3.6 V)
112R
(VIO =
1.65–3.6 V)
120R
(VIO =
1.65–3.6 V)
VCC = 2.7–3.6 V
101
(V
IO =
2.7–3.6 V)
112
(V
IO =
1.65–3.6 V)
120
(V
IO =
1.65–3.6 V)
Max. Access Time (ns)
90
100
110
120
Max. CE# Access Time (ns)
90
100
110
120
Max. Page access Time (tPACC)25
30
30
40
30
40
Max. OE# Access Time (ns)
25
30
30
40
30
40
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
V
SS
WE#
WP#/ACC
BYTE#
CE#
OE#
STB
STB
DQ0
–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A20–A0
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com