Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L320ML11PI Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # L320ML11PI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML11PI Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button L320ML11PI Datasheet HTML 30Page - Advanced Micro Devices L320ML11PI Datasheet HTML 31Page - Advanced Micro Devices L320ML11PI Datasheet HTML 32Page - Advanced Micro Devices L320ML11PI Datasheet HTML 33Page - Advanced Micro Devices L320ML11PI Datasheet HTML 34Page - Advanced Micro Devices L320ML11PI Datasheet HTML 35Page - Advanced Micro Devices L320ML11PI Datasheet HTML 36Page - Advanced Micro Devices L320ML11PI Datasheet HTML 37Page - Advanced Micro Devices L320ML11PI Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
32
Am29LV320MH/L
26517B4 January 31, 2007
D A TA
SH EE T
Table 11.
Command Definitions (x8 Mode, BYTE# = V
IL)
Legend:
X = Don’t care
RA = Read Address of memory location to be read.
RD = Read Data read from location RA during read operation.
PA = Program Address. Addresses latch on falling edge of WE# or CE#
pulse, whichever happens later.
PD = Program Data for location PA. Data latches on rising edge of WE#
or CE# pulse, whichever happens first.
SA = Sector Address of sector to be verified (in autoselect mode) or
erased. Address bits A20–A15 uniquely select any sector.
WBL = Write Buffer Location. Address must be within same write buffer
page as PA.
BC = Byte Count. Number of write buffer locations to load minus 1.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Shaded cells indicate read cycles. All others are write cycles.
4.
During unlock and command cycles, when lower address bits are
555 or AAA as shown in table, address bits above A11 are don’t
care.
5.
Unless otherwise noted, address bits A20–A11 are don’t cares.
6.
No unlock or command cycles required when device is in read
mode.
7.
Reset command is required to return to read mode (or to
erase-suspend-read mode if previously in Erase Suspend) when
device is in autoselect mode, or if DQ5 goes high while device is
providing status information.
8.
Fourth cycle of autoselect command sequence is a read cycle.
Data bits DQ15–DQ8 are don’t care. See Autoselect Command
Sequence section or more information.
9.
Device ID must be read in three cycles.
10. If WP# protects highest address sector, data is 98h for factory
locked and 18h for not factory locked. If WP# protects lowest
address sector, data is 88h for factory locked and 08h for not
factor locked.
11. Data is 00h for an unprotected sector group and 01h for a
protected sector group.
12. Total number of cycles in command sequence is determined by
number of words written to write buffer. Maximum number of
cycles in command sequence is 21.
13. Command sequence resets device for next command after
aborted write-to-buffer operation.
14. Unlock Bypass command is required prior to Unlock Bypass
Program command.
15. Unlock Bypass Reset command is required to return to read
mode when device is in unlock bypass mode.
16. System may read and program in non-erasing sectors, or enter
autoselect mode, when in Erase Suspend mode. Erase Suspend
command is valid only during a sector erase operation.
17. Erase Resume command is valid only during Erase Suspend
mode.
18. Command is valid when device is ready to read array data or when
device is in autoselect mode.
Command
Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
AAA
AA
555
55
AAA
90
X00
01
Device ID (Note 9)
6
AAA
AA
555
55
AAA
90
X02
7E
X1C
1D
X1E
00
Secured Silicon Sector Factory
Protect (Note 10)
4
AAA
AA
555
55
AAA
90
X06
(Note 10)
Sector Group Protect Verify
(Note 11)
4
AAA
AA
555
55
AAA
90
(SA)X04
00/01
Enter Secured Silicon Sector Region
3
AAA
AA
555
55
AAA
88
Exit Secured Silicon Sector Region
4
AAA
AA
555
55
AAA
90
XXX
00
Program
4
555
AA
2AA
55
555
A0
PA
PD
Write to Buffer (Note 12)
6
AAA
AA
555
55
SA
25
SA
BC
PA
PD
WBL
PD
Program Buffer to Flash
1
SA
29
Write to Buffer Abort Reset (Note 13)
3
AAA
AA
555
55
AAA
F0
Unlock Bypass
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program (Note 13)
2
XXX
A0
PA
PD
Unlock Bypass Reset (Note 15)
2
XXX
90
XXX
00
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
AAA
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Program/Erase Suspend (Note 16)
1
XXX
B0
Program/Erase Resume (Note 17)
1
XXX
30
CFI Query (Note 18)
1
AA
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com