Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L320ML11PI Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # L320ML11PI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L320ML11PI Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button L320ML11PI Datasheet HTML 25Page - Advanced Micro Devices L320ML11PI Datasheet HTML 26Page - Advanced Micro Devices L320ML11PI Datasheet HTML 27Page - Advanced Micro Devices L320ML11PI Datasheet HTML 28Page - Advanced Micro Devices L320ML11PI Datasheet HTML 29Page - Advanced Micro Devices L320ML11PI Datasheet HTML 30Page - Advanced Micro Devices L320ML11PI Datasheet HTML 31Page - Advanced Micro Devices L320ML11PI Datasheet HTML 32Page - Advanced Micro Devices L320ML11PI Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
January 31, 2007 26517B4
Am29LV320MH/L
27
D A TA
SH EET
Figure 4.
Write Buffer Programming Operation
Write “Write to Buffer”
command and
Sector Address
Write number of addresses
to program minus 1(WC)
and Sector Address
Write program buffer to
flash sector address
Write first address/data
Write to a different
sector address
FAIL or ABORT
PASS
Read DQ7 - DQ0 at
Last Loaded Address
Read DQ7 - DQ0 with
address = Last Loaded
Address
Write next address/data pair
WC = WC - 1
WC = 0 ?
Part of “Write to Buffer”
Command Sequence
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
Abort Write to
Buffer Operation?
DQ7 = Data?
DQ7 = Data?
DQ5 = 1?
DQ1 = 1?
Write to buffer ABORTED.
Must write “Write-to-buffer
Abort Reset” command
sequence to return
to read mode.
Notes:
1.
When Sector Address is specified, any address in
the selected sector is acceptable. However, when
loading Write-Buffer address locations with data, all
addresses must fall within the selected Write-Buffer
Page.
2.
DQ7 may change simultaneously with DQ5.
Therefore, DQ7 should be verified.
3.
If this flowchart location was reached because
DQ5= “1”, then the device FAILED. If this flowchart
location was reached because DQ1= “1”, then the
Write to Buffer operation was ABORTED. In either
case, the proper reset command must be written
before the device can begin another operation. If
DQ1=1, write the
Write-Buffer-Programming-Abort-Reset
command. if DQ5=1, write the Reset command.
4.
See Table 11 for command sequences required for
write buffer programming.
(Note 3)
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com